Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA233 Datasheet HTML 25Page - Texas Instruments INA233 Datasheet HTML 26Page - Texas Instruments INA233 Datasheet HTML 27Page - Texas Instruments INA233 Datasheet HTML 28Page - Texas Instruments INA233 Datasheet HTML 29Page - Texas Instruments INA233 Datasheet HTML 30Page - Texas Instruments INA233 Datasheet HTML 31Page - Texas Instruments INA233 Datasheet HTML 32Page - Texas Instruments INA233 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
29
INA233
www.ti.com
SBOS790 – APRIL 2017
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.2.9 STATUS_WORD (79h)
STATUS_WORD is a standard PMBus command that returns the value of a number of flags indicating the state
of the INA233. Use the PMBus read word protocol to access this command. To clear bits in this register, clear
the underlying fault and issue a CLEAR_FAULTS command. The INPUT and VIN UV flags default to 1 on
startup. Table 11 lists the definitions for this command.
Table 11. STATUS_WORD Definitions
BIT
NAME
MEANING
DEFAULT
15
VOUT
Not supported
0
14
IOUT/POUT
An output current or power warning has
occurred
0
13
INPUT
An input voltage, current, or power warning
has occurred
0
12
MFR
A manufacturer-specific fault or warning has
occurred
1
11
POWER_GOOD#
Not supported
0
10
FANS
Not supported
0
9
OTHER
Not supported
0
8
UNKNOWN
Not supported
0
7
BUSY
Not supported
0
6
OFF
Not supported
0
5
VOUT_OV
Not supported
0
4
IOUT_OC
Not supported
0
3
VIN_UV
Not supported
0
2
TEMPERATURE
Not supported
0
1
CML
A communication fault has occurred
0
0
NONE OF THE ABOVE
A fault or warning not listed in bits[7:1] has
occurred
0
7.6.2.10 STATUS_IOUT (7Bh)
STATUS_IOUT is a standard PMBus command that returns the value of the of a number of flags related to
output, current, and power. Use the PMBus read byte protocol to access this command. To clear bits in this
register, clear the underlying fault and issue a CLEAR_FAULTS command or write a 1 to the bit to be cleared.
Table 12 lists the definitions for this command.
Table 12. STATUS_IOUT Definitions
BIT
NAME
MEANING
DEFAULT
7
IOUT_OC fault
Not supported
0
6
IOUT_OC fault with LV shutdown
Not supported
0
5
IOUT_OC_WARN
An input undercurrent warning has occurred
0
4
IOUT_UC fault
Not supported
0
3
Current share fault
Not supported
0
2
In power-limiting mode
Not supported
0
1
POUT_OP fault
Not supported
0
0
POUT_OP_WARN
Not supported
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com