Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA233 Datasheet HTML 29Page - Texas Instruments INA233 Datasheet HTML 30Page - Texas Instruments INA233 Datasheet HTML 31Page - Texas Instruments INA233 Datasheet HTML 32Page - Texas Instruments INA233 Datasheet HTML 33Page - Texas Instruments INA233 Datasheet HTML 34Page - Texas Instruments INA233 Datasheet HTML 35Page - Texas Instruments INA233 Datasheet HTML 36Page - Texas Instruments INA233 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
33
INA233
www.ti.com
SBOS790 – APRIL 2017
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.2.18 READ_IOUT (8Ch, R)
This command is a mirror of the READ_IOUT command for software compatibility.
7.6.2.19 READ_POUT (96h, R)
READ_POUT is mirror of the READ_PIN command to support applications that connect the VBUS pin to the
output.
7.6.2.20 READ_PIN (97h, R)
READ_PIN is a standard PMBus command that returns the 16-bit measured unsigned absolute value of the input
power when VBUS is connected to the input.
Use the PMBus read word protocol to access this command. This value is also used internally for the
POUT_OP_WARN detection.
Table 19. READ_PIN Register
VALUE
MEANING
DEFAULT
0h–FFFFh
Measured value for PIN
0000h
7.6.2.21 MFR_ID (99h)
MFR_ID is a standard PMBus command that returns the identification of the manufacturer. Use the PMBus block
read protocol to read the manufacturer ID.
Table 20. MFR_ID Register
BYTE
NAME
VALUE
0
Number of bytes
02h
1
MFR ID-1
54h, ASCII (T)
2
MFR ID-2
49h, ASCII (I)
7.6.2.22 MFR_MODEL (9Ah)
MFR_MODEL is a standard PMBus command that returns the part number of the device. Use the PMBus block
read protocol to read the manufacturer model.
Table 21. MFR_MODEL Register
BYTE
NAME
VALUE
0
Number of bytes
06h
1
MFR MODEL-1
49h, ASCII (I)
2
MFR MODEL-2
4Eh, ASCII (N)
3
MFR MODEL-3
41h, ASCII (A)
4
MFR MODEL-4
32h, ASCII (2)
5
MFR MODEL-5
33h, ASCII (3)
6
MFR MODEL-6
33h, ASCII (3)
7.6.2.23 MFR_REVISION (9Bh)
MFR_REVISION is a standard PMBus command that returns the revision level of the device. Use the PMBus
block read protocol to read the manufacturer revision.
Table 22. MFR_REVISION Register
BYTE
NAME
VALUE
0
Number of bytes
02h
1
MFR REV-1
41h, ASCII (A)
2
MFR REV-2
41h, ASCII (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com