Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 36 Page - Texas Instruments

Back Button INA233 Datasheet HTML 32Page - Texas Instruments INA233 Datasheet HTML 33Page - Texas Instruments INA233 Datasheet HTML 34Page - Texas Instruments INA233 Datasheet HTML 35Page - Texas Instruments INA233 Datasheet HTML 36Page - Texas Instruments INA233 Datasheet HTML 37Page - Texas Instruments INA233 Datasheet HTML 38Page - Texas Instruments INA233 Datasheet HTML 39Page - Texas Instruments INA233 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
36
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.3.2 MFR_READ_VSHUNT (D1h) [default = 00000000 00000000]
This register stores the current shunt voltage reading, VSHUNT. Negative numbers are represented in two's-
complement format. Generate the two's complement of a negative number by complementing the absolute value
binary number and adding 1. An MSB = 1 denotes a negative number.
If averaging is enabled, this register displays the averaged value. Full-scale range = 81.92 mV (7FFFh) and LSB:
2.5 µV.
This command only supports the PMBus direct data format.
Figure 36. MFR_READ_VSHUNT
15
14
13
12
11
10
9
8
Sign
SD14
SD13
SD12
SD11
SD10
SD9
SD8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
7
6
5
4
3
2
1
0
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
Table 28. MFR_READ_VSHUNT Field Descriptions
Bit
Field
Type
Default
Description
15
Sign
R
0
This bit determines the sign for the returned value.
0 = Positive
1 = Negative
14:0
SD[14:0]
R
0
These bits set the shunt voltage data.
7.6.3.3 MFR_ALERT_MASK (D2h) [default = XXXXXXXX 11110000]
The bits in this register correspond to the bits in the STATUS_MFR_SPECIFIC register. Setting a bit in this
register blocks the corresponding bit in the STATUS_MFR_SPECIFIC register from having an effect on the
ALERT pin.
Figure 37. MFR_ALERT_MASK
7
6
5
4
3
2
1
0
Conversion
ready
ADC overflow
detected
POR event
detected
Communication
s
IN_OP_WARNI
NG
IN_OC_WARNI
NG
IN_OV_WARNI
NG
IN_UV_WARNI
NG
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
Table 29. MFR_ALERT_MASK Field Descriptions
Bit
Field
Type
Default
Description
7
Conversion ready
R/W
1
Masks the conversion ready signal to the ALERT pin (masked by
default).
6
ADC overflow detected
R/W
1
Masks the ADC overflow detection
5
POR event detected
R/W
1
Masks the detection of a power-on-reset event.
4
Communications
R/W
1
Communications or memory fault (or of STATUS_CML)
3
IN_OP_WARNING
R/W
0
Input overpower warning mask
2
IN_OC_WARNING
R/W
0
Input overcurrent warning mask
1
IN_OV_WARNING
R/W
0
Input overvoltage warning mask
0
IN_UV_WARNING
R/W
0
Input undervoltage warning mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com