Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA233 Datasheet HTML 11Page - Texas Instruments INA233 Datasheet HTML 12Page - Texas Instruments INA233 Datasheet HTML 13Page - Texas Instruments INA233 Datasheet HTML 14Page - Texas Instruments INA233 Datasheet HTML 15Page - Texas Instruments INA233 Datasheet HTML 16Page - Texas Instruments INA233 Datasheet HTML 17Page - Texas Instruments INA233 Datasheet HTML 18Page - Texas Instruments INA233 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Power Register
Curren t Re gister
IC or SMBus
Compatible
2
Inte rface
Voltage Register
ADC
C
0.1 µF
BYPASS
Loa d
Aler t Register
Sup ply Vo ltag e
(2,7 V to 5.5 V)
BUS Voltage
(0 V to 36 V)
C
0.1 µF to 1 µF
Ceramic
Capacitor
FILTER
X
R FILTER
7 10
R FILTER
7 10
GND
IN-
IN+
VBUS
VS
A0
ALE RT
A1
SDA
SCL
INA233
Copyright © 201 6, Texas Instrumen ts Incorpor ate d
15
INA233
www.ti.com
SBOS790 – APRIL 2017
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 25. Input Filtering
Overload conditions are another consideration for the device inputs. The device inputs are specified to tolerate
40 V across the inputs. A large differential scenario can be a short to ground on the load side of the shunt. This
type of event can result in full power-supply voltage across the shunt (as long the power supply or energy
storage capacitors can support this voltage). Removing a short to ground can result in inductive kickbacks that
can exceed the 40-V differential and common-mode rating of the device. Inductive kickback voltages are best
controlled by Zener-type, transient-absorbing devices (commonly called transzorbs) combined with sufficient
energy storage capacitance. The Current Shunt Monitor with Transient Robustness Reference Design describes
a high-side, current-shunt monitor used to measure the voltage developed across a current-sensing resistor and
how to better protect the current-sense device from transient overvoltage conditions.
In applications that do not have large energy storage electrolytics on one or both sides of the shunt, an input
overstress condition can result from an excessive dV/dt of the voltage applied to the input. A hard physical short
is the most likely cause of this event, particularly in applications with no large electrolytics present. This problem
occurs because an excessive dV/dt can activate the ESD protection in the device in systems where large
currents are available. Testing demonstrates that the addition of 10-Ω resistors in series with each input of the
device sufficiently protects the inputs against this dV/dt failure up to the 40-V rating of the device. Selecting these
resistors in the range noted has minimal effect on accuracy.
7.5 Programming
The device can be used without any programming only when reading a shunt voltage drop and bus voltage with
the default power-on reset configuration and with continuous conversion of the shunt and bus voltages.
Without setting the device register with the MFR_CALIBRATION command, the device is unable to provide either
a valid current or power value because these outputs are both derived using the values loaded into the
calibration register. The MFR_CALIBRATION command sets the current LSB size based on the desired full-scale
range and value of the shunt resistor.
7.5.1 Default Settings
The default power-up states of the registers are shown in the Register Maps section. These registers are volatile
and, if programmed to a value other than the default values listed in Table 4, must be reprogrammed at every
device power-up. Detailed information on programming the calibration register specifically is given in the
Programming section and calculated based on Equation 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com