Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA233 Datasheet HTML 24Page - Texas Instruments INA233 Datasheet HTML 25Page - Texas Instruments INA233 Datasheet HTML 26Page - Texas Instruments INA233 Datasheet HTML 27Page - Texas Instruments INA233 Datasheet HTML 28Page - Texas Instruments INA233 Datasheet HTML 29Page - Texas Instruments INA233 Datasheet HTML 30Page - Texas Instruments INA233 Datasheet HTML 31Page - Texas Instruments INA233 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.2.7 PIN_OP_WARN_LIMIT (6Bh) [default = 11111111 11110000]
PIN_OP_WARN_LIMIT is a standard PMBus command that allows setting or reading the threshold for the input
overpower warning. Use the PMBus read or write word protocol to access the POUT_OP_WARN_LIMIT
command. The contents of this register are compared to the calculated telemetry power value.
When the PIN_OP_WARN_LIMIT is exceeded, the device:
•
Sets the INPUT bit in the upper byte of the STATUS_WORD register
•
Sets the PIN_OP_WARNING bit in the STATUS_INPUT register
•
Notifies the host by asserting the ALERT pin
This warning is masked with the MFR_ALERT_MASK command using the IIN_OP_WARNING bit.
Figure 34. PIN_OP_WARN_LIMIT
15
14
13
12
11
10
9
8
D11
D10
D9
D8
D7
D6
D5
D4
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
7
6
5
4
3
2
1
0
D3
D2
D1
D0
—
—
—
—
R/W-1
R/W-1
R/W-1
R/W-1
R-0
R-0
R-0
R-0
Table 9. PIN_OP_WARN_LIMIT Field Descriptions
Bit
Field
Type
Default
Description
15:4
D[11:0]
R/W
1
These bits control the VIN_UV_WARN_LIMIT. The bit weightings
in this register match the bit weightings in the READ_PIN register
(D0 = P4).
3:0
—
R
0
Reserved; always 0.
7.6.2.8 STATUS_BYTE (78h)
STATUS_BYTE is a standard PMBus command that returns the value of a number of flags indicating the state of
the INA233. Use the PMBus read byte protocol to access this command. To clear bits in this register, clear the
underlying fault and issue a CLEAR_FAULTS command. Table 10 lists the definitions for this command.
Table 10. STATUS_BYTE Definitions
BIT
NAME
MEANING
DEFAULT
7
BUSY
Not supported
0
6
OFF
Not supported
0
5
VOUT_OV
Not supported
0
4
IOUT_OC
Not supported
0
3
VIN_UV
Not supported
0
2
TEMPERATURE
Not supported
0
1
CML
A communication fault has occurred
0
0
NONE OF THE ABOVE
A fault or warning not listed in bits[7:1] has
occurred
0
NONE OF THE ABOVE (bit 0) is set by the logical OR of the following status bits from other registers:
•
IOUT_OC_WARNING
•
VIN_OV_WARNING
•
VIN_UV_WARNING
•
IIN_OC_WARNING
This bit can only be cleared by clearing all the contributing status bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com