Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA233 Datasheet HTML 13Page - Texas Instruments INA233 Datasheet HTML 14Page - Texas Instruments INA233 Datasheet HTML 15Page - Texas Instruments INA233 Datasheet HTML 16Page - Texas Instruments INA233 Datasheet HTML 17Page - Texas Instruments INA233 Datasheet HTML 18Page - Texas Instruments INA233 Datasheet HTML 19Page - Texas Instruments INA233 Datasheet HTML 20Page - Texas Instruments INA233 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
X =
1
m
(Y x 10
-R - b)
17
INA233
www.ti.com
SBOS790 – APRIL 2017
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Programming (continued)
7.5.4 Reading Telemetry Data and Warning Thresholds
Conversion from direct format to real-world dimensions of current, voltage, and power is accomplished by
determining the appropriate coefficients as described in section 7.2.1 of the PMBus Power System Management
Protocol Specification 1.3 Part II. According to this specification, the host system converts the received values
using Equation 3 into a reading of volts, amperes, watts, or other such units.
where
•
X = the calculated real-world value (volts, amps, watts, and so forth)
•
m = the slope coefficient
•
Y = a 2-byte, two's complement integer received from the device
•
b = the offset, which is a 2-byte, two's complement integer
•
R = the exponent, which is a 1-byte, two's complement integer
•
R is only necessary in systems where m is required to be an integer (for example, where m can be stored in a
register of an integrated circuit) and R must only be large enough to yield the desired accuracy
(3)
The values for m and R (listed in Table 1) must be calculated for current and power measurements based off the
selected value of the Current_LSB. For example, assume a Current_LSB of 0.75 mA/bit is selected for a given
application. The value for m is calculated by inverting the LSB value (for this case, m = 1 / 0.00075 = 1333.333).
Moving the decimal point so the value of m is maximized and remains within the required range of –32768 to
32767 is preferable because this value of m is relatively small and contains decimal information. Moving the
decimal point one place to the right results in a final m value of 13333 with an R value of –1 resulting from the
shift in decimal location. Moving the decimal point to maximize the value of m is critical to minimize rounding
errors. The m coefficient for power can be calculated by applying 1 / (25 × Current_LSB). For this example, the
value for the m power coefficient is calculated to be 53.333. Again (to maximize accuracy), the decimal location
is shifted by 2 to the right to give a final m value of 5333 with an R coefficient of –2. Care must be taken to adjust
the exponent coefficient, R, such that the value of m remains within the range of –32768 to 32767. However,
rounding errors resulting from the limitations on the value of m can be mitigated by carefully selecting a slightly
higher current LSB size. For example, if a Current_LSB of 1 mA/bit is selected instead of 0.75 mA/bit, the
calculated value for m is 1 / 0.001 or 1000; because this value is a whole number there is no rounding errors and
the value for R is 0. Positive values for R signify the number of times the decimal point is shifted to the left,
whereas negative values for R signify the number of decimal point shifts to the right.
Table 1. Telemetry and Warning Conversion Coefficients (RS in mΩ)
COMMANDS
FORMAT
NUMBER OF
DATA BYTES
m
b
R
UNIT
READ_VIN
VIN_OV_WARN_LIMIT
VIN_UV_WARN_LIMIT
DIRECT
2
8
0
2
V
READ_IIN, READ_IOUT
MFR_IIN_OC_WARN_LIMIT
DIRECT
2
Calculated from
Current_LSB
0
Calculated
A
READ_PIN, READ_EIN
MFR_PIN_OP_WARN_LIMIT
DIRECT
2
Calculated from
Current_LSB
0
Calculated
W
MFR_READ_VSHUNT
DIRECT
2
4
0
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com