Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA233 Datasheet HTML 10Page - Texas Instruments INA233 Datasheet HTML 11Page - Texas Instruments INA233 Datasheet HTML 12Page - Texas Instruments INA233 Datasheet HTML 13Page - Texas Instruments INA233 Datasheet HTML 14Page - Texas Instruments INA233 Datasheet HTML 15Page - Texas Instruments INA233 Datasheet HTML 16Page - Texas Instruments INA233 Datasheet HTML 17Page - Texas Instruments INA233 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Number of Conversions
0
200
400
600
800
1000
Conversion Time: 140 s
m
Conversion Time: 1.1ms
Conversion Time: 8.244ms
14
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
shunt and bus voltage measurements and the averaging mode set to 4. This configuration results in the data
updating approximately every 4.7 ms. The device can also be configured with a different conversion time setting
for the shunt and bus voltage measurements. This type of approach is common in applications where the bus
voltage tends to be relatively stable. This situation can allow for the time focused on the bus voltage
measurement to be reduced relative to the shunt voltage measurement. The shunt voltage conversion time can
be set to 4.156 ms with the bus voltage conversion time set to 588 µs and averaging mode set to 1. This
configuration also results in data updating approximately every 4.7 ms.
There are trade-offs associated with the settings for conversion time and the averaging mode used. The
averaging feature can significantly improve the measurement accuracy by effectively filtering the signal. This
approach allows the device to reduce any noise in the measurement that may be caused by noise coupling into
the signal. A greater number of averages enables the device to be more effective in reducing the noise
component of the measurement.
The conversion times selected can also have an effect on the measurement accuracy. Figure 24 shows multiple
conversion times to illustrate the effect of noise on the measurement. In order to achieve the highest accuracy
measurement possible, use a combination of the longest allowable conversion times and highest number of
averages, based on the timing requirements of the system.
Figure 24. Noise vs Conversion Time
7.4.4 Filtering and Input Considerations
Measuring current is often noisy and such noise can be difficult to define. The INA233 offers several options for
filtering by allowing the conversion times and number of averages to be selected independently in the
MFR_ADC_CONFIG register. The conversion times can be set independently for the shunt voltage and bus
voltage measurements to allow added flexibility when configuring the monitoring of the power-supply bus.
The internal ADC is based on a delta-sigma (ΔΣ) front-end with a 500-kHz (±10% max) sampling rate. This
architecture has good inherent noise rejection; however, transients that occur at or very close to the sampling
rate harmonics can cause problems. These signals are at 1 MHz and higher and can be managed by
incorporating filtering at the device input. The high frequency enables the use of low-value series resistors on the
filter with negligible effects on measurement accuracy. In general, filtering the device input is only necessary if
there are transients at exact harmonics of the 500 kHz (±10% max) sampling rate (greater than 1 MHz). Filter
using the lowest possible series resistance (typically 10 Ω or less) and a ceramic capacitor. Recommended
values for this capacitor are between 0.1 µF and 1 µF. Figure 25 illustrates the device with a filter added at the
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com