Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 1 Page - Texas Instruments

  INA233 Datasheet HTML 1Page - Texas Instruments INA233 Datasheet HTML 2Page - Texas Instruments INA233 Datasheet HTML 3Page - Texas Instruments INA233 Datasheet HTML 4Page - Texas Instruments INA233 Datasheet HTML 5Page - Texas Instruments INA233 Datasheet HTML 6Page - Texas Instruments INA233 Datasheet HTML 7Page - Texas Instruments INA233 Datasheet HTML 8Page - Texas Instruments INA233 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
u
Power Register
Curren t Re gister
I
2C-, SMBus-,
PMBus
Compatible
Inte rface
Voltage Register
GND
VBUS
ADC
V
I
A0
A1
ALE RT
SDA
SCL
C
0.1 µF
BYPASS
High-
Side
Shu nt
Low-
Side
Shu nt
Loa d
Aler t Register
VS
Sup ply Vo ltag e
(2.7 V to 5.5 V)
Bus Voltage
(0 V to 36 V)
IN-
Power Accumulator
Copyright © 201 7, Texas Instrumen ts Incorpor ate d
INA233
IN+
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA233
SBOS790 – APRIL 2017
INA233 High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor
With I2C-, SMBus-, and PMBus-Compatible Interface
1
1 Features
1
•
Senses Bus Voltages From 0 V to 36 V
•
High-Side or Low-Side Sensing
•
Reports Current, Voltage, and Power
•
Integrated Power Accumulator for Energy and
Average Power Monitoring
•
High Accuracy:
–
0.1% Gain Error (Max)
–
10-µV Offset (Max)
•
Configurable Averaging Options
•
Independent Alert Limits for Current, Bus Voltage,
and Power
•
1.8-V Compliant I2C, SMBus, PMBus Interface
•
16 Programmable Addresses
•
Operates From a 2.7-V to 5.5-V Power Supply
•
10-Pin, DGS (VSSOP) Package
2 Applications
•
Servers
•
Telecom Infrastructure
•
High-Performance Computing
•
Power Metering
•
Battery Chargers
•
Power Supply
•
Test Equipment
3 Description
The INA233 device is a current, voltage, and power
monitor with an I2C-, SMBus-, and PMBus-compatible
interface that is compliant with digital bus voltages
from 1.8 V to 5.0 V. The device monitors and reports
values for current, voltage, and power. The integrated
power accumulator can be used for energy or
average
power
calculations.
Programmable
calibration value, conversion times, and averaging
when combined with an internal multiplier enable
direct readouts of current in amperes and power in
watts.
The INA233 senses current on common-mode bus
voltages that can vary from 0 V to 36 V, independent
of the supply voltage. The device operates from a
single 2.7-V to 5.5-V supply, drawing a typical supply
current of 310 µA in normal operation. The device
can be placed in a low-power standby mode where
the typical operating current is only 2 µA. The device
is specified over the operating temperature range
between –40°C and +125°C and features up to 16
programmable addresses.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA233
VSSOP (10)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
High-Side or Low-Side Sensing Application


Similar Part No. - INA233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2331 TI-INA2331 Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
INA2331 TI1-INA2331 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
INA2331 TI2-INA2331 Datasheet
638Kb / 24P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
REVISED APRIL 2005
INA2331 TI2-INA2331 Datasheet
639Kb / 24P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
REVISED APRIL 2005
INA2331AIPW TI1-INA2331AIPW Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA231 TI-INA231 Datasheet
448Kb / 32P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com