Electronic Components Datasheet Search
  English  ▼

X  

PC87303 Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 43Page - National Semiconductor (TI) PC87303 Datasheet HTML 44Page - National Semiconductor (TI) PC87303 Datasheet HTML 45Page - National Semiconductor (TI) PC87303 Datasheet HTML 46Page - National Semiconductor (TI) PC87303 Datasheet HTML 47Page - National Semiconductor (TI) PC87303 Datasheet HTML 48Page - National Semiconductor (TI) PC87303 Datasheet HTML 49Page - National Semiconductor (TI) PC87303 Datasheet HTML 50Page - National Semiconductor (TI) PC87303 Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
40 FDC Command Set Description (Continued)
3 The Ready Signal changed state during the polling mode
for an internally selected drive (Occurs only after a hard-
ware or software reset)
4 A Seek Relative Seek or Recalibrate command termi-
nates
An interrupt due to reasons 1 or 2 does not require the
Sense Interrupt command and is cleared automatically This
type of interrupt occurs during normal command operations
and is easily discernible by the mP via the MSR It is cleared
when reading or writing information from or to the Data Reg-
ister (FIFO)
An interrupt caused by reasons 3 or 4 is identified with the
aid of the Sense Interrupt command This type of interrupt is
cleared after the first result byte has been read Use bits 5
6 and 7 of ST0 to identify the cause of the interrupt as
shown in Table 4-14
Issuing a Sense Interrupt command without an interrupt
pending is treated as an Invalid command If the extended
track range mode is enabled a third byte should be read in
the Result Phase which will indicate the four most signifi-
cant bits of the present track number Otherwise only two
result bytes should be read
TABLE 4-14 Status Register 0 Termination Codes
Status Register 0
Cause
Interrupt
Seek
Code
End
D7
D6
D5
1
1
0
Internal Ready Went True
0
0
1
Normal Seek Termination
0
1
1
Abnormal Seek Termination
4119 Set Track Command
This command is used to inspect or change the value of the
internal Present Track Register This can be useful for re-
covery from disk mistracking errors where the real current
track can be read through the Read ID command and then
the Set Track command can be used to set the internal
Present Track Register to the correct value
If the WNR bit is a 0 a track register is to be read In this
case the Result Phase byte contains the value in the inter-
nal register specified and the third byte in the Command
Phase is a dummy byte
If the WNR bit is a 1 data is written to a track register In this
case the third byte of the Command Phase is written to the
specified internal track register and the Result Phase byte
contains this new value
The DS1 and DS0 bits select the Present Track Register for
the particular drive The internal register address depends
on MSB DS1 and DS0 as shown in Table 4-15 This com-
mand does not generate an interrupt
TABLE 4-15 Set Track Register Address
DS1
DS0
MSB
Register Addressed
0
0
0
PTR0 (LSB)
0
0
1
PTR0 (MSB)
0
1
0
PTR1 (LSB)
0
1
1
PTR1 (MSB)
1
0
0
PTR2 (LSB)
1
0
1
PTR2 (MSB)
1
1
0
PTR3 (LSB)
1
1
1
PTR3 (MSB)
Command Phase
0WNR100
0
0
1
0
0
1
1
0
MSB
DR1
DR0
Present Track Number (PTR)
Execution Phase
Internal register selected by MSB of DR1
or DR0 is read or written
Result Phase
Value
4120 Specify Command
The Specify command sets the initial values for three inter-
nal timers The parameters of this command are undefined
after power-up and are unaffected by any reset Thus soft-
ware should always issue a Specify command as part of an
initialization routine This command does not generate an
interrupt
Command Phase
0000001
1
Step Rate Time
Motor Off Time
Motor On Time
DMA
Execution Phase
Internal registers are written
Result Phase
None
Step Rate Time
These four bits define the time interval
between successive step pulses during a seek implied
seek recalibrate or relative seek The programming of this
step rate is shown in Table 4-16
TABLE 4-16 Step Rate Time (SRT) Values
Data Rate
Value
Range
Units
1 Mbps
(16 b SRT)2
05 – 8
ms
500 kbps
(16 b SRT)
1 – 16
ms
300 kbps
(16 b SRT) c 167
167 – 267
ms
250 kbps
(16 b SRT) c 2
2–32
ms
Motor Off Time
These four bits determine the simulated
Motor Off time as shown in Table 4-17
Motor On Time
These seven bits determine the simulated
Motor On time as shown in Table 4-18
DMA
This bit selects the data transfer mode in the Execu-
tion Phase of a read write or scan operation
0 e
DMA mode is selected
1 e
Non-DMA mode is selected
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com