Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-22-
Figure 3-3
Following as the listing and figure 3-6 is the algorithm of initialization procedures for 2 bank free list of
SDRAM.
For 16 Mbit SDRAM as following,
-- Bank0 free link list:
128, 129, 131, 134, 136, 137, 139, 142, 144, 145, 147, 150, 152, 153, 155, 158, 160,...
-- Bank1 free link list:
130, 132, 133, 135, 138, 140, 141, 143, 146, 148, 149, 151, 154, 156, 157, 159, 162, 164, ...
For 64 Mbit SDRAM as following,
-- Bank0 free link list:
128 , 129 , 130 , 134 , 135 , 139 , 140 , 141 , 144 , 145 , 146 , 150 , 151 , 155 , 156 , 157 , 160 , ...
--Bank1 free link list:
131 , 132 , 133 , 136 , 137 , 138 , 142 , 143 , 147 , 148 , 149 , 152 , 153 , 154 , 158 , 159 , 163 , …
Figure 3-6: Algorithm of Initialization of Free Link Lists.
#define SRAM_ADDR_REG0 0x2001
#define SRAM_ADDR_REG1 0x2002
#define SRAM_ADDR_REG2 0x2003
#define SRAM_DATA_REG0 0x2004
#define SRAM_DATA_REG1 0x2005
#define SRAM_DATA_REG2 0x2006
#define SRAM_DATA_REG3 0x2007
#define SRAM_CMD_REG
0x2008
#define SRAM_STATUS_REG 0x2009
#define SRAM_ACCESS_IDLE 0x01
#define NULL_PTR
0x7FFFF
void writeLinkEntry(int entryID, int nextID)
{
reg_byte_write (SRAM_ADDR_REG0, entryID*3 & 0x0FF);
reg_byte_cont_write (((entryID*3) >> 8) & 0x0FF);
reg_byte_cont_write (((entryID*3) >> 16) & 0x0FF);
2K
2K
2K
2K
128/0
129/0
130/1
131/0
132/1
Bank 0
Bank 1
2K
133/1
2K
2K
134/0
135/1
136/0
Link/
Frame
Memory Bank
List 0
List 1
4K
4K
128/0
129/0
131/1
130/0
132/1
Bank 0
Bank 1
133/1
134/0
136/1
135/0
Links/
List
Memory Bank
List 0
List 1
4K
4K
137/1
16MBits SDRAM
64MBits SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com