Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 73Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-70-
MII Interface Timing Characteristics
SYMBOL
DESCRIPTION
min
type
max
unit
condition
t
R
C
RCLK cycle time
-
40
-
ns
t
RXDS
RXD, RXDV setup time
5
-
-
ns
to RCLK50
rising edge
t
RXDH
RXD, RXDV hold time
5
-
-
ns
to RCLK50
rising edge
tTC
TCLK cycle time
-
40
-
ns
t
TXD
TXD, TX_EN output
delay
4
-
20
ns
to RCLK50
rising edge
-
RCLK
lllrhhhhfllllrhhhhfllllrhhhhflll
+t
RXDS~\\
CRS_DVndddddozzzndddddozzznddddddozzzz
+t
RXDH~
+t
RXDS~\\
RXD
ndddddozzzndddddozzznddddddozzzz
+t
RXDH~
TCLK
lllrhhhhfllllrhhhhfllllrhhhhflll
+t
TXD~
TX_EN zzzzzndddddddddozzzzzzzzzznddddd
+t
TXD~
TXD
zzzzzndddddddddozzzzzzzzzznddddd
-
Management Interface (MI) Timing Characteristics
Parameter
min
typ
max
unit
condition
MDC cycle time -
400
-
ns
MDC high time
180
200
220
ns
MDC low time
180
200
220
ns
MDIO setup time
(source by PHY)
30
-
-
ns
to MDC rising
edge
MDIO hold time
(source by PHY)
0
-
-
ns
to MDC rising
edge
MDIO output
200
-
300
ns
to MDC rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com