Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-65-
SECTION III ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Unit
Ambient operating temperature
0
70
oC
Case temperature
0
100
oC
Storage temperature
-55
125
oC
Input voltage
-0.5
5.5
Volts
Output voltage (VCC = 3.1 - 3.6V)
-0.5
VCC + 0.5
Volts
Note: Stress above the conditions listed may cause permanent damage to the
device. Functional operation of this device should be restricted to the conditions
described under operating conditions.
DC CHARACTERISTICS
TA-0-70oC, VCC=3.3V+/-5%, GND=0V
Symbol
Parameter
Min
Max
Unit
Condition
VIL
Input low voltage
-0.50
0.8
V
VIH
Input high voltage
2.0
VCC+0.5
V
VOL
Output low voltage
-
0.45
V
IOL=4.0mA
VOH
Output high voltage
2.4
-
V
IOH=-1.0mA
IIL
Input leakage current
-
+/-10
uA
0<VIN<VCC
IOZ
Tristate leakage current
-
+/-20
uA
0.45<VOUT<VCC
ICC
Power supply current
-
TBD
mA
AC CHARACTERISTICS
AC timing specifications provided are based on external zero-pf capacitance load. Min/Max cases are based on
the following table:
Parameter
Min
Max
Unit
3.3V power (Vcc)
3.135
3.465
V
Temperature
0
95
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com