Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-52-
20H
spanning tree state for PORT 0
2’b00 – blocking state (default)
2’b01 – listening state
2’b10 - learning state
2’b11 – forwarding state
The forwarding operation in each Ethernet port is controlled by its
associated spanning tree state.
In blocking or listening state, the incoming packets will not trigger
any DMAC lookup operation and SMAC learning operation.
In learning state, the incoming packets will not trigger DMAC
lookup operation, but the SMAC learning operation will be
triggered for CRC-OK packets.
Only in forwarding state, an incoming packet will trigger DMAC
lookup operation while the first 24 bytes are received, and it will
trigger the SMAC learning operation while the whole packet is
received with good CRC.
For the 802.1d spanning tree algorithm, a blocked port for loop
avoidance should enter the blocking state so that any incoming
packets are filtered without forward. A normal port that does not
cause any loop should be in the forwarding state.
PORT0_STP_
STATE
[1:0]
0
R/W
21H
spanning tree state for PORT 1
PORT1_STP_
STATE
[1:0]
0
R/W
22H
spanning tree state for PORT 2
PORT2_STP_
STATE
[1:0]
0
R/W
23H
spanning tree state for PORT 3
PORT3_STP_
STATE
[1:0]
0
R/W
24H
spanning tree state for PORT 4
PORT4_STP_
STATE
[1:0]
0
R/W
25H
spanning tree state for PORT 5
PORT5_STP_
STATE
[1:0]
0
R/W
26H
spanning tree state for PORT 6
PORT6_STP_
STATE
[1:0]
0
R/W
27H
spanning tree state for PORT 7
PORT7_STP_
STATE
[1:0]
0
R/W
28H
spanning tree state for PORT 8
PORT8_STP_
STATE
[1:0]
0
R/W
29H
spanning tree state for PORT 9
PORT9_STP_
STATE
[1:0]
0
R/W
2AH
spanning tree state for PORT 10
PORT10_STP
_STATE
[1:0]
0
R/W
2BH
spanning tree state for PORT 11
PORT11_STP
_STATE
[1:0]
0
R/W
2CH
spanning tree state for PORT 12
PORT12_STP
_STATE
[1:0]
0
R/W
2DH
spanning tree state for PORT 13
PORT13_STP
_STATE
[1:0]
0
R/W
2EH
spanning tree state for PORT 14
PORT14_STP
_STATE
[1:0]
0
R/W
2FH
spanning tree state for PORT 15
PORT15_STP
_STATE
[1:0]
0
R/W
80H
port 0 VLAN ID
The VLAN feature is enabled only when all port VID's are
configured to a valid (non-zero) VID.
PORT0_VID
[5:0]
0
R/W
82H
port 1 VLAN ID
PORT1_VID [5:0]
0
R/W
84H
port 2 VLAN ID
PORT2_VID [5:0]
0
R/W
86H
port 3 VLAN ID
PORT3_VID [5:0]
0
R/W
88H
port 4 VLAN ID
PORT4_VID [5:0]
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com