Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-54-
Addres
s
(offset
)
Function
Register
Name
Bits
Defau
lt
Value
R/
W
00H
PHY ID
This is used to specify which PHY device is the objective of the
following MII commands. There are maximum 16 RMII PHY
devices.
PHYID
[3:0] 0
W/
O
01H
PHY register address
In each PHY device, there are maximum 32 MII management
registers accessible by the CPU. The PHY_REG_ADDR register is
used to specify which one is the objective of the following access
command.
PHY_REG
_ADDR
[4:0] 0
W/
O
02-
03H
PHY data register
Each PHY management register is 16 bits. Every data access to a
PHY management register is in unit of 16 bits, stored in this
register.
PHYDAT
A
[15:0
]
R/
W
04H
PHY command register
1: read
0: write
Write 0 to this register will cause a write operation to the PHY
management register (specified by the PHY_REG_ADDR) of the
PHY device (specified by the PHYID). Write 1 to this register will
cause a read operation. A read or write operation takes about 0.4 ms
so that the CPU has to read the PHYSTS register periodically to
check if the issued command is complete.
PHYCMD [0]
W/
O
05H
PHY status register
2’b00: idle
2’b01: busy
2’b10: complete
This register indicates the status of the PHY control module.
Initially, the PHY control module is in the idle status. While a read
or write command is issued by writing 1/0 to the PHYCMD register,
PHYSTS becomes “busy” immediately, and goes into the
“complete” status as this operation finishes. Then, a following “read
status” command will cause it back to the “idle” status, or a
following read/write command will cause it into the “busy” status.
PHYSTS
[1:0] 0
R/O
10H
PORT0 PHY Device Address
The pair of 5-bit PHY device address and 5-bit register address
forms a unique access address to a PHY device’s register. Each PHY
device has a unique device address that is identified by the PHYID.
In the system initialization, the CPU should write PHY device
addresses, corresponding to every PHY devices, to registers
PORT[0..15]_PHY_ADDR, that may be recorded in the EEPROM
or code ROM.
PORT0_P
HY_ADD
R
[4:0] 0
R/
W
11H
PORT1 PHY Device Address
PORT1_P
HY_ADD
R
[4:0] 0
R/
W
12H
PORT2 PHY Device Address
PORT2_P
HY_ADD
R
[4:0] 0
R/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com