Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-42-
1BH
PORT11 PHY Device Address
PORT11_PHY_
ADDR
[4:0] 0
R/
W
1CH
PORT12 PHY Device Address
PORT12_PHY_
ADDR
[4:0] 0
R/
W
1DH
PORT13 PHY Device Address
PORT13_PHY_
ADDR
[4:0] 0
R/
W
1EH
PORT14 PHY Device Address
PORT14_PHY_
ADDR
[4:0] 0
R/
W
1FH
PORT15 PHY Device Address
PORT15_PHY_
ADDR
[4:0] 0
R/
W
1C00H
EEPROM control
00H
EEPROM word address
EEWDADDR
[7:0]
W/
O
01H
EEPROM data
EEDATA
[7:0]
R/
W
02H
EEPROM device address
EEDEVADDR [7:0]
W/
O
03H
EEPROM status register
EESTS
[2:0]
R/O
2000H
CPU interface
00H
interrupt status register
IRQSTS
[3:0] 0
R/
W
01H-03H SRAM address register
SRAMADDR
[18:0
]
R/
W
04H-07H SRAM data register
SRAMDATA
[31:0
]
R/
W
08H
SRAM command register
SRAMCMD
[1:0]
R/
W
09H
SRAM status register
SRAMSTS
[1:0] 0
R/O
10H-13H SDRAM address register
SDRAMADDR [23:0
]
R/
W
14H-1BH SDRAM data register
SDRAMDATA [63:0
]
R/
W
1CH
SDRAM command register
SDRAMCMD
[1:0]
R/
W
1DH
SDRAM status register
SDRAMSTS
[1:0] 0
R/O
20H
Write packet command
WR_PKT_CM
D
[2:0]
W/
O
21H
Packet Abort
ERR_ABORT
[0]
W/
O
30H
bits [47:40] of switch base MAC address
[47:0]
SWITCH_MA
C_BASE
[7:0] 0
R/
W
31H
bits [39:32] of switch base MAC address
[47:0]
SWITCH_MA
C_BASE
[7:0] 0
R/
W
32H
bits [31:24] of switch base MAC address
[47:0]
SWITCH_MA
C_BASE
[7:0] 0
R/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com