Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-56-
Addres
s
(offset
)
Function
Register
Name
Bits
Defau
lt
Value
R/
W
00H
EEPROM word address
For a 256-byte EEPROM device, an 8-bit data object is identified
with this register. For a 512-byte EEPROM device, an 8-bit data
object is identified with this register plus EEDEVADDR[1]. For a
1024-byte EEPROM device, an 8-bit data object is identified with
this register plus EEDEVADDR[2:1], vice versa.
EEWDAD
DR
[7:0]
W/
O
01H
EEPROM data
Every data access to EEPROM is in unit of 8 bits, stored in this
register.
EEDATA [7:0]
R/
W
02H
EEPROM device address
bit 7-4 : device type id (EEPROM 1010)
bit 3-1 : device id
bit 0 : r/w command , value 0: write; value 1: read
The triple of 4-bit PHY device type ID, 3-bit device ID, and 7-bit
word address forms a unique access address to an 8-bit EEPROM
data object.
This register’s bit 0 is used to specify the command type: 0 for write
and 1 for read. A read or write operation takes about 0.4 ms so that
the CPU has to read the EEYSTS register periodically to check if the
issued command is “complete without error” or “ack error”.
EEDEVA
DDR
[7:0]
W/
O
03H
EEPROM status register
3’b000: idle
3’b001: busy
3’b010: complete without error
3’b100: ack error
This register indicates the status of the EEPROM control module.
Initially, the EEPROM control module is in the idle status. While a
read or write command is issued by writing 1/0 to EEDEVADDR[0],
EESTS becomes “busy” immediately, and goes into the “complete”
status as this operation finishes or into the “ack error” as an
acknowledge error happens. Then, a following “read status”
command will cause it back to the “idle” status, or a following
read/write command will cause it into the “busy” status.
EESTS
[2:0]
R/O
4.8 Registers of CPU Interface Module
* Base Address: 2000H
Addres
s
(offset
)
Function
Register
Name
Bits
Defau
lt
Value
R/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com