Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-30-
3.1.4 Network interface
The VT6516 directly connect to 16 port RMII PHY or 12 port MII PHY device which compliant with
IEEE standard (Please see IEEE 802.3u Fast Ethernet standard) . Each Fast Ethernet port has following
characteristics:
-
Capable of supporting both 10MBps and 100MBps data rates in half and full duplex modes.
-
Provide a simple management interface (SMI) for port status
-
Perform all functions of the IEEE 802.3 protocol such as frame formatting, frame stripping, collision
handling, deferred, etc.
-
Adjustable preamble ,SFD and inter frame gap (IFG).
-
IEEE 802.3X flow control supported
-
IEEE 802.1D spanning tree protocol support, and all port state of listen and block configurable
3.1.4.1 RMII interface
The VT6516 communicates with the external 10/100M Ethernet transceiver through the reduced MII
(RMII) interface. The signals of RMII interface are described in Table-3-1
Table 3-1 RMII interface signals
Name
Type
Description
CRSDV
I
Carrier sense and Data
valid
RXD[0-1]
I
Receive data bit 0 to 1 ,
data rate with 50MHz
TXEN
O
Transmit Enable
TXD[0-1]
O
Transmit Data bit 0 to
1
Figure 3-1 RMII timing diagram
(omitted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com