Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-57-
00H
interrupt status register
bit 0: interrupt indication for read/write PHY command
complete
bit 1: interrupt indication for read/write EEPROM command
complete or error
bit 2: interrupt indication for CPU IO port receiving an
incoming packet
bit 3: interrupt indication for CPU IO port finishing the
transmission of an outgoing packet
To clear an interrupt, write 1 to the corresponding IRQSTS bit.
However, write 0 will not cause any change on that interrupt.
IRQSTS
[3:0] 0
R/
W
01H-
03H
SRAM address register
The data object addressed is in unit of 32 bits. The maximum
allowable SRAM size is 1MB. For SRAM direct access, the CPU
has to (1) set SRAMADDR & SRAMDATA, (2) issue read/write
command by SRAMCMD, and (3) check command status by
SRAMSTS.
SRAMAD
DR
[18:0
]
R/
W
04H-
07H
SRAM data register
SRAMDA
TA
[31:0
]
R/
W
08H
SRAM command register
2’b00 : nop
2’b01 : read
2’b10 : write
To make a direct read to SRAM, write SRAMCMD by 2’b01. To
make a direct write to SRAM, write SRAMCMD by 2’b10.
Read/Write will cause the SRAMSTS = ”busy” immediately. As it is
done, SRAMSTS = “done”. A following read to SRAMSTS will
clear it to “idle”.
SRAMCM
D
[1:0]
R/
W
09H
SRAM status register
2’b01 : read/write command done
2’b10 : busy (read/write in progress)
2’b00 : idle
SRAMSTS [1:0] 0
R/O
10H-
13H
SDRAM address register
The data object addressed is in unit of 64 bits. The maximum
allowable SDRAM size is 128MB. For SDRAM direct access, the
CPU has to (1) set SDRAMADDR & SDRAMDATA, (2) issue
read/write command by SDRAMCMD, and (3) check command
status by SDRAMSTS.
SDRAMA
DDR
[23:0
]
R/
W
14H-
1BH
SDRAM data register
SDRAMD
ATA
[63:0
]
R/
W
1CH
SDRAM command register
2’b00 : nop
2’b01 : read
2’b10 : write
To make a direct read to SDRAM, write SDRAMCMD by 2’b01. To
make a direct write to SDRAM, write SDRAMCMD by 2’b10.
Read/Write will cause the SDRAMSTS = ”busy” immediately. As it
is done, SDRAMSTS = “done”. A following read to SDRAMSTS
will clear it to “idle”.
SDRAMC
MD
[1:0]
R/
W
1DH
SDRAM status register
2’b01 : read/write command done
2’b10 : busy (read/write in progress)
2’b00 : idle
SDRAMS
TS
[1:0] 0
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com