Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-24-
3.1.1 SDRAM interface
All frames received by the VT6516 will be stored into a common frame buffer memory, SDRAM.The
SDRAM contains the packet buffers, each buffer is a 1536 (1.5K) bytes memory block. Each block is
associated to an entry in link table in SRAM. The link entry includes a field (19 bits to support 512 MB) to
point to next link entry. The figure 3-2 is buffer link list structure.
In order to provide the cost effective DRAM buffers, user can connect the 32 bits data SGRAM with
VT6516 switch, there are two external buffer device using two double bank 128Kbits by 32 required. The
following figure shows the minimum configuration of buffer memory and link/address memory. Note that the
SGRAM physical memory hole is to accommodate the forwarding table into the SRAM link list hole.
VT6516
32*32 (128Kb)
SSRAM by one
128K*32*2
(2MB)
SGRAM by two
Memory Hole
(14MB)
Physical Device
(1MB)
Physical Device
(1MB)
Physical Buffer Memory
Allocation (eg, 2MB)
Address table
entries
(Link-List Hole)
Link List
Link List
Physical SRAM Memory
Allocation (eg, 128K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com