Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-50-
* Base Address: 1400H
Addres
s
(offset
)
Function
Register
Name
Bits
Defau
lt
Value
R/
W
00H
bits of MAC address used as index for forwarding table
3’b000: use MAC address bit 10-0 (default)
3’b001: use MAC address bit 11-0
3’b010: use MAC address bit 12-0
3’b011: use MAC address bit 13-0
3’b100: use MAC address bit 14-0
others, use MAC address bit 10-0
This register specifies the lookup hash key. For example, if the
MAC address bits [14:0] is used as the hash key, there must be 32K
96-byte table entries necessary to be allocated in the upper part of
SRAM for destination MAC lookup and source MAC learning.
HASH_BITS
[2:0]
0
R/W
01-
03H
starting SRAM address register for forwarding table base
The forwarding table should be located above the linked buffer
entries in the SRAM. The starting address of the forwarding table is
specified by TBL_BASE in unit of 32-bit word. The occupied size is
determined by HASH_BITS. For example, if there are maximum
5461 buffers entries used for 8MB SDRAM, the minimum
forwarding table base is 5461*3 because each linked buffer entry is
of size 96 bits (3 words).
TBL_BASE
[18:0]
0
R/W
04H
user configured Forwarding Mode
bit 0 – if using the specified forwarding mask without lookup
(default: 0, to take lookup without specified mask)
bit 1 – if not forwarding packets destined to congested ports
(default: 0, not to filter packets by congestion factors)
If FWD_MODE[0] = 1, the incoming packets would not be
forwarded with table lookup. However, the USER_PM is used as
the forwarding mask if the incoming packets are not from the CPU
port. For broadcast & lookup-miss packets, the USER_PM is
returned by Forwarding Control to IO Control as the lookup result.
If FWD_MODE[1] = 1, the incoming packets would not be
forwarded to the congested ports whose congestion factors are larger
than 511.
FWD_MODE [1:0]
0
R/W
05-
07H
USER configured Port Mask
The USER_PM is used as the lookup result for the incoming packets
from Ethernet ports in the following cases:
FWD_MODE = 1
FWD_MODE = 0, VLAN is off, STP_STATE is “forward”, and this
is a broadcast packet or a lookup-miss packet
USER_PM
[16:0]
0
R/W
08-
09H
port mask for packets sent by CPU
The CPU_PM is used as the lookup result for the incoming packets
from the CPU port without regard to packet’s DMAC.
CPU_PM
[15:0]
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com