Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-27-
Figure 3-2 Free buffer link structure
Table 1-0 Free buffer link structure
bit 18-0
Next entry pointer
bit 35-19
port mask (bit[16]: CPU port + bit[15:0]: Ethernet ports 0~15)
bit 46-36
Packet byte count
bit 50-47
Source port ID
bit 51
Frame type Reserved (zero)
Bit 54-52
Priority
Bit 57-55
Frame tag type Reserved (zero)
bit 58
VLAN tag flag Reserved (zero)
bit 64-59
VLAN ID
bit 95-65
reserved for future
Figure 3-5 The Address table entries structure +
The address table structure as figure 3-5, The address table entries contains the MAC address information
from bit 11 to bit 47, others bits 0~10 or bits 0~14 (2K~32K) as the address entries hashing index, the total
address entries of device assigned by the HASH_BITS(1400H).
Initialization procedures include to set forwarding address table control in normal mode and to invalidate all
forwarding table entries by setting the age-count field as 0. Configure port mask register (USER_PM) for
broadcast MAC address. Configure port mask and MAC address pairs that allow any static MAC to port
mask mapping.
Forwarding table entry has 96 bits, defined as follows:
priority
54
frame
type
52
51
source
port ID
50 47
packet byte
count
46
36
port
mask
35 19
pointer to
next entry
18
0
frame
tag type
57
55
16 ports
+1 cpu
reserved
VLAN
tage flag
58
VLAN ID
64
59
65
95
56
static/dynamic
flag
age
count
55
54
port
mask
53
3736
0
63
58
16 ports
+1 cpu
reserved
VLAN
tage flag
57
VLAN ID
64
95
bit-47:11
MAC address
fixed, even for key
length = 11~15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com