Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-64-
02H
CPU packet read status register
2’b00: idle or packet read in progress
2’b01: packet received successfully
2’b10: packet received with error
(CPU needs to read the same packet again)
RD_PKT_
STATUS
[1:0] 0
R/O
03H
Packet source port ID
CPU can check the incoming packet’s source port
ID VIA the 3-bit register PKT_SRC_PORT before
starting to read it. It is useful to the spanning tree
algorithm.
PKT_SRC
_PORT
[3:0] 0
R/O
04H
CPU IO port configuration register
bit 0 : input port enable , 1: input enable, 0: input disable
bit 1 : output port enable , 1: output enable, 0: output disable
CPUIO_C
FG
[1:0] 0
R/
W
10H
CPU packet write status register
bits [1:0] : packet write status
2’b00: idle or packet write in progress
2’b01: CPU sent packet successfully
2’b10: CPU sent packet unsuccessfully
(CPU needs to re-write the packet again)
bit 2: CPU Input Control is ready for CPU to write packets
(It can be ready only after setting CPUIO_CFG[0] = 1.)
0: not ready (default)
1: ready
WR_PKT_
STATUS
[2:0] 0
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com