Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-31-
3.1.4.2 MII interface
The VT6516 communicates with the external 10/100M Ethernet transceiver through standard MII
interface, in this mode the VT6516 became 12 ports MII port due to the MII signal multiplexed with RMII
signal. But the ports number of internal remained as 16 ports. The signals of MII interface are described in
Table-3-2:
Table 3-2 MII interface signals
Name
Type
Description
TCLK
I
Transmit Clock
TXD[3:0]
O
Transmit Data for.
TXEN
O
Transmit
COL
I
Collision Detected
CRS
I
Carrier Sense
RXD[3:0]
I
Receive Data
RCLK
I
Receive Clock
RXDV
I
Receive Data
Figure 3-2 MII timing diagram
(omitted)
3.1.4.3 Flow control
Under full-duplex mode operation, if the buffer utilization of whole switch has exceeded the upper threshold
and the permanent buffer has been used up, a pause frame with a pause time interval will be send to the sending
port to stop it from sending new frame. If register- FMFCT not enable at this switch, the public buffer will used
until no more buffers. Then further incoming frames will be dropped. The unit in pause time field of the flow
control frame is slot time (512 bits).
The max possible waiting time should be the max packet memory size divided by lowest port speed, for example
if 512MB is the max packet buffer size and 10Mb is the lowest speed, the 512M * 8 bits * 100ns = 409.6 seconds
(8M slot time) is the max possible waiting time. The congestion factor is the max possible waiting time at current
link load. The pause timer value is half of the max possible waiting time. If it is greater than the feasible max
pause time, use all 1’s in pause time value.
If the utilization of the public buffer of the switch drops below the lower threshold, a pause-frame with minimum
frame interval of 0 will be sent to the linking ports the enable new frame transmission.
Under half duplex operation, if the buffer utilization of whole switch has exceeded the upper threshold and the
permanent buffer has been used up, the port will perform back-pressure based flow control by sending a jam
pattern on each incoming frame. If backpressure flow control of the port is not enable, the frame will be dropped.
The flow control pause time is calculated by maintained the configuration of port speed of each port and the
buffer size. With input of the free memory block count and congestion factor, it determines flow control on or
off on an output port. If flow control is on, any new queue request from a input port to this output port will
trigger a flow control frame sent to that request port by the output MAC that is notified by the packet flow
control unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com