Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-58-
20H
Write packet command
3’b100 : end of frame with the remaining data size = 2 bytes
3’b101 : end of frame with the remaining data size = 1 byte
(that is the low byte as using 16-bit write)
3’b000 : idle
3’b001 : start of frame for the next write
3’b010 : middle of frame for the next write
3’b011 : abort the unfinished packet write
CPU should write this command register before repeatedly writing
8/16 bit packet data VIA the ISA/IDE bus (with a2, a1, a0 = 000).
WR_PKT_
CMD
[2:0]
W/
O
21H
Packet Abort
Write this register to drop an incoming packet ready to be read by
CPU.
ERR_ABO
RT
[0]
W/
O
30H
bits [47:40] of switch base MAC address [47:0]
Each port in the switch IC has a unique MAC address with the port
ID as address bits [3:0] and the same MAC base bits [47:4],
specified by the register SWITCH_MAC_BASE[47:4].
SWITCH_
MAC_BA
SE
[7:0] 0
R/
W
31H
bits [39:32] of switch base MAC address [47:0]
SWITCH_
MAC_BA
SE
[7:0] 0
R/
W
32H
bits [31:24] of switch base MAC address [47:0]
SWITCH_
MAC_BA
SE
[7:0] 0
R/
W
33H
bits [23:16] of switch base MAC address [47:0]
SWITCH_
MAC_BA
SE
[7:0] 0
R/
W
34H
bits [15:8] of switch base MAC address [47:0]
SWITCH_
MAC_BA
SE
[7:0] 0
R/
W
35H
bits [7:4] of switch base MAC address [47:0]
SWITCH_
MAC_BA
SE
[7:4] 0
R/
W
40H
interrupt mask register
bit 0: PHY interrupt mask
bit 1: EEPROM interrupt mask
bit 2: packet received interrupt mask
bit 3: packet sent interrupt mask
The four interrupts can be masked individually. The value 0
indicates “Masked”, and value 1 (default) indicates “Unmasked”.
IRQSTS_
MASK
[3:0] 4’b11
11
R/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com