Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-47-
04H
CPU Port Speed Configuration
3’b000: 1 Mbit (default)
3’b001: 5 Mbit
3’b010: 10 Mbit
3’b011: 20 Mbit
3’b100: 40 Mbit
3’b101: 50 Mbit
3’b110: 80 Mbit
3’b111: 100 Mbit
This register is used to calculate the congestion factor of the CPU
port, that is the quotient of the accumulated byte count of the CPU
output queue to the specified CPU port speed. While the congestion
control is triggered, the output ports with congestion factor larger
than the average will enter into the congestion control mode.
CPU_SPD_CF
G
[2:0]
0
R/W
10-
13H
Congestion Factor of Output Port 0
The congestion factor, i.e. the quotient of the accumulated byte
count of the output queue to the port speed, for each of 16 Ethernet
ports is calculated by the flow control module. While the congestion
control is triggered, the output ports with congestion factor larger
than the average will enter into the congestion control mode.
CONGEST_F
CT0
[25:0]
0
R/O
14-
17H
Congestion Factor of Output Port 1
CONGEST_F
CT1
[25:0]
0
R/O
18-
1BH
Congestion Factor of Output Port 2
CONGEST_F
CT2
[25:0]
0
R/O
1C-
1FH
Congestion Factor of Output Port 3
CONGEST_F
CT3
[25:0]
0
R/O
20-
23H
Congestion Factor of Output Port 4
CONGEST_F
CT4
[25:0]
0
R/O
24-
27H
Congestion Factor of Output Port 5
CONGEST_F
CT5
[25:0]
0
R/O
28-
2BH
Congestion Factor of Output Port 6
CONGEST_F
CT6
[25:0]
0
R/O
2C-
2FH
Congestion Factor of Output Port 7
CONGEST_F
CT7
[25:0]
0
R/O
30-
33H
Congestion Factor of Output Port 8
CONGEST_F
CT8
[25:0]
0
R/O
34-
37H
Congestion Factor of Output Port 9
CONGEST_F
CT9
[25:0]
0
R/O
38-
3BH
Congestion Factor of Output Port 10
CONGEST_F
CT10
[25:0]
0
R/O
3C-
3FH
Congestion Factor of Output Port 11
CONGEST_F
CT11
[25:0]
0
R/O
40-
43H
Congestion Factor of Output Port 12
CONGEST_F
CT12
[25:0]
0
R/O
44-
47H
Congestion Factor of Output Port 13
CONGEST_F
CT13
[25:0]
0
R/O
48-
4BH
Congestion Factor of Output Port 14
CONGEST_F
CT14
[25:0]
0
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com