Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-15-
See Ball
Table
EEC
O
Serial EEPROM Interface Clock Output:
EEPROM Device Addressing in the demo board:
PAGE 0 (EEPROM): Device Address = 1010 000 XXXXXXXX
PAGE 1 (EEPROM): Device Address = 1010 001 XXXXXXXX
PAGE 2 (EEPROM): Device Address = 1010 010 XXXXXXXX
PAGE 3 (EEPROM): Device Address = 1010 011 XXXXXXXX
PAGE 4 (SDRAM BANK-0): Device Address = 1010 100 XXXXXXXX
PAGE 5 (SDRAM BANK-1): Device Address = 1010 101 XXXXXXXX
See Ball
Table
EEIO
I/O
Serial EEPROM Interface Data I/O
See Ball
Table
MDC
O
Management Interface (MI) Clock Output
See Ball
Table
MDIO
I/O
Management Interface (MI) Data I/O
See Ball
Table
RCLK50
I
Main Reference Clock:
See Ball
Table
DCLK
I
SDRAM Reference Clock:
See Ball
Table
SCLK
I
SRAM Reference Clock
See Ball
Table
HCLK
O
HOST Reference Clock
HCLK is determined by the strapping pins in SYSLED[3:1], i.e. the jump
selection of J1[5-6, 3-4, 1-2]:
J1[OFF,OFF,OFF]
=> 8MHz
J1[ OFF,OFF, ON]
=> 16MHz
J1[OFF, ON, OFF]
=> 25MHz
J1[OFF, ON, ON]
=> 4MHz
J1[ ON,OFF,OFF]
=> 33MHz
See Ball
Table
RESET
I
SYSTEM RESET
See Ball
Table
SYSLED[26:0
]
O
SYSTEM Output Pins for LED:
SYSLED[8:0] are connected to pull-up IO PADs for strapping.
SYSLED[25:9] are connected to IO PADs without pull up/down.
All SYSLED[25:0] are
HOST Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com