Electronic Components Datasheet Search
  English  ▼

X  

VT6516 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # VT6516
Description  16/12 PORT 10/1000 ASE T/TX
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6516 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button VT6516 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT6516 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
VIA Technologies, Inc.
Preliminary VT6516 Datarsheet
-28-
Table 1-1 Address table structure
bit 36-0
High bits (bit 47-11) of MAC address
bit 53-37
port mask (bit[16]: CPU port + bit[15:0]: Ethernet ports 0~15)
bit 55-54
age count
bit 56
Static flag (0: dynamic entry, 1: static entry that can not be updated)
bit 57
VLAN tag flag Reserved (zero)
bit 63-58
VLAN ID
bit 95-64
Reserved for future
And following is the algorithm for the initial the address entries;
#define SRAM_ADDR_REG0 0x2001
#define SRAM_ADDR_REG1 0x2002
#define SRAM_ADDR_REG2 0x2003
#define SRAM_DATA_REG0 0x2004
#define SRAM_DATA_REG1 0x2005
#define SRAM_DATA_REG2 0x2006
#define SRAM_DATA_REG3 0x2007
#define SRAM_CMD_REG
0x2008
#define SRAM_STATUS_REG 0x2009
#define SRAM_ACCESS_IDLE 0x01
void invalidateForwardEntry(int entryID)
{ // the entryID is starting from maxLinkEntryID with width of 96 bits
reg_byte_write (SRAM_ADDR_REG0, (entryID*3+1) & 0x0FF);
reg_byte_cont_write (((entryID*3+1) >> 8) & 0x0FF);
reg_byte_cont_write (((entryID*3+1) >> 16) & 0x0FF);
reg_byte_cont_write (nextID & 0x0FF); entry bits [32]
reg_byte_cont_write ((nextID >> 8) & 0x0FF);
reg_byte_cont_write ((nextID >> 16) & 0x0FF);
reg_byte_cont_write ((nextID >> 16) & 0x0FF);
reg_byte_cont_write (0x02); // SRAM-write command
while (reg_byte_read(SRAM_STATUS_REG) != SRAM_ACCESS_IDLE) {}
}
3.1.3 CPU interface
The VT6516 support one ISA-like CPU interface, this CPU interface can cooperate with one simple
microprocessor like 8031 or 8051. The CPU will access the switch control and status register to perform
initialization and configurations. By the CPU interface, the frames of CPU port can be read/written from/into the
buffer. The CPU interface can also be used to access the internal registers. The CPU interface also used to access
the external PHY devices through the PHY control module.
The CPU firmware will perform following tasks,
-
Read the configuration from switch register or from the EEPROM contains
-
Initialize the switch followed by the configuration, those task including
* DRAM initialization
* SRAM initialization and link list construction
* Program for each network ports for users manual setting or read the auto-negotiation result
-
start switch to receive frames and forward frames
-
decrease the learning address aging count
-
polling the network port change event and change the switch MAC negotiation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com