Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 51 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 47Page - Cirrus Logic WM8918 Datasheet HTML 48Page - Cirrus Logic WM8918 Datasheet HTML 49Page - Cirrus Logic WM8918 Datasheet HTML 50Page - Cirrus Logic WM8918 Datasheet HTML 51Page - Cirrus Logic WM8918 Datasheet HTML 52Page - Cirrus Logic WM8918 Datasheet HTML 53Page - Cirrus Logic WM8918 Datasheet HTML 54Page - Cirrus Logic WM8918 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
51
RETUNE
TM MOBILE PARAMETRIC EQUALIZER (EQ)
The ReTune
TM Mobile Parametric Equaliser is a circuit that can be enabled in the DAC path. The
function of the EQ is to adjust the frequency characteristic of the output to compensate for unwanted
frequency characteristics in the loudspeaker (or other output transducer). It can also be used to tailor
the response according to user preferences, for example to accentuate or attenuate specific
frequency bands to emulate different sound profiles or environments such as concert hall, rock etc.
The EQ is enabled using the EQ_ENA bit as shown in Table 21.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R134 (86h)
EQ1
0
EQ_ENA
0
EQ enable
0 = EQ disabled
1 = EQ enabled
Table 21 ReTune
TM Mobile Parametric EQ Enable
The EQ can be configured to operate in two modes - “Default” mode or “ReTune
TM Mobile” mode.
DEFAULT MODE (5-BAND PARAMETRIC EQ)
In default mode, the cut-off / centre frequencies are fixed as per Table 22. The filter bandwidths are
also fixed in default mode. The gain of the individual bands (-12dB to +12dB) can be controlled as
described in Table 23.
Note that the cut-off / centre frequencies noted in Table 22 are applicable to a DAC Sample Rate of
48kHz. When using other sample rates, these frequencies will be scaled in proportion to the selected
sample rate.
EQ BAND
CUT-OFF/CENTRE
FREQUENCY
1
100 Hz
2
300 Hz
3
875 Hz
4
2400 Hz
5
6900 Hz
Table 22 EQ Band Cut-off / Centre Frequencies
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R135 (87h)
EQ2
4:0
EQ_B1_GAIN [4:0]
01100b
(0dB)
EQ Band 1 Gain
(see Table 24 for gain range)
R136 (88h)
EQ3
4:0
EQ_B2_GAIN [4:0]
01100b
(0dB)
EQ Band 2 Gain
(see Table 24 for gain range)
R137 (89h)
EQ4
4:0
EQ_B3_GAIN [4:0]
01100b
(0dB)
EQ Band 3 Gain
(see Table 24 for gain range)
R138 (8Ah)
EQ5
4:0
EQ_B4_GAIN [4:0]
01100b
(0dB)
EQ Band 4 Gain
(see Table 24 for gain range)
R139 (8Bh)
EQ6
4:0
EQ_B5_GAIN [4:0]
01100b
(0dB)
EQ Band 5 Gain
(see Table 24 for gain range)
Table 23 EQ Band Gain Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com