Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 85 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 81Page - Cirrus Logic WM8918 Datasheet HTML 82Page - Cirrus Logic WM8918 Datasheet HTML 83Page - Cirrus Logic WM8918 Datasheet HTML 84Page - Cirrus Logic WM8918 Datasheet HTML 85Page - Cirrus Logic WM8918 Datasheet HTML 86Page - Cirrus Logic WM8918 Datasheet HTML 87Page - Cirrus Logic WM8918 Datasheet HTML 88Page - Cirrus Logic WM8918 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
85
In DSP mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A) rising edge
of BCLK (selectable by AIF_LRCLK_INV) following a rising edge of LRCLK. Right channel data
immediately follows left channel data. Depending on word length, BCLK frequency and sample rate,
there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRCLK output will resemble the frame pulse shown in Figure 48 and
Figure 49. In device slave mode, Figure 50 and Figure 51, it is possible to use any length of frame
pulse less than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK
period before the rising edge of the next frame pulse.
Figure 48 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Master)
Figure 49 DSP Mode Audio Interface (mode B, AIF_LRCLK_INV=1, Master)
Figure 50 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com