Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 45 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 41Page - Cirrus Logic WM8918 Datasheet HTML 42Page - Cirrus Logic WM8918 Datasheet HTML 43Page - Cirrus Logic WM8918 Datasheet HTML 44Page - Cirrus Logic WM8918 Datasheet HTML 45Page - Cirrus Logic WM8918 Datasheet HTML 46Page - Cirrus Logic WM8918 Datasheet HTML 47Page - Cirrus Logic WM8918 Datasheet HTML 48Page - Cirrus Logic WM8918 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
45
DYNAMIC RANGE CONTROL (DRC)
The dynamic range controller (DRC) is a circuit which can be enabled in the digital data path of either
the Digital Microphone input or the DAC playback. The function of the DRC is to adjust the signal gain
in conditions where the input amplitude is unknown or varies over a wide range, e.g. when recording
from microphones built into a handheld system. The DRC can apply Compression and Automatic
Level Control to the signal path. It incorporates ‘anti-clip’ and ‘quick release’ features for handling
transients in order to improve intelligibility in the presence of loud impulsive noises.
The DRC is enabled by DRC_ENA, as shown in Table 13. It can be enabled in the Digital Microphone
path or in the DAC digital path, under the control of the DRC_DAC_PATH register bit. Note that the
DRC can be active in only one of these paths at any time.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
DRC Control 0
15
DRC_ENA
0
DRC enable
0 = Disabled
1 = Enabled
14
DRC_DAC_PAT
H
0
DRC path select
0 = Digital Microphone path
1 = DAC path
Table 13 DRC Enable
COMPRESSION/LIMITING CAPABILITIES
The DRC supports two different compression regions, separated by a “knee” at input amplitude T. For
signals above the knee, the compression slope DRC_HI_COMP applies; for signals below the knee,
the compression slope DRC_LO_COMP applies.
The overall DRC compression characteristic in “steady state” (i.e. where the input amplitude is near-
constant) is illustrated in Figure 29.
DRC_KNEE_IP
(Y0)
0dB
DRC
_HI_C
OMP
DR
C_
LO
_C
OM
P
DRC Input Amplitude (dB)
DRC Output Amplitude (dB)
DRC_KNEE_OP
“knee”
Figure 29 DRC Compression Characteristic
The slope of the DRC response is determined by register fields DRC_HI_COMP and
DRC_LO_COMP respectively. A slope of 1 indicates constant gain in this region. A slope less than 1
represents compression (i.e. a change in input amplitude produces only a smaller change in output
amplitude). A slope of 0 indicates that the target output amplitude is the same across a range of input
amplitudes; this is infinite compression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com