Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 4Page - Cirrus Logic WM8918 Datasheet HTML 5Page - Cirrus Logic WM8918 Datasheet HTML 6Page - Cirrus Logic WM8918 Datasheet HTML 7Page - Cirrus Logic WM8918 Datasheet HTML 8Page - Cirrus Logic WM8918 Datasheet HTML 9Page - Cirrus Logic WM8918 Datasheet HTML 10Page - Cirrus Logic WM8918 Datasheet HTML 11Page - Cirrus Logic WM8918 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
8
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
IRQ / GPIO1
Digital Input / Output
Interrupt / GPIO1
2
SCLK
Digital Input
Control interface clock input
3
SDA
Digital Input / Output
Control interface data input / output
4
DBVDD
Supply
Digital buffer supply (powers audio interface and control
interface)
5
DGND
Supply
Digital ground (return path for DCVDD and DBVDD)
6
DCVDD
Supply
Digital core supply
7
CPVDD
Supply
Charge pump power supply
8
CPCA
Analogue Output
Charge pump flyback capacitor pin
9
CPGND
Supply
Charge pump ground
10
CPCB
Analogue Output
Charge pump flyback capacitor pin
11
CPVOUTP
Analogue Output
Charge pump positive supply decoupling (powers
HPOUTL/R, LINEOUTL/R)
12
CPVOUTN
Analogue Output
Charge pump negative supply decoupling (powers
HPOUTL/R, LINEOUTL/R)
13
HPOUTL
Analogue Output
Left headphone output (line or headphone output)
14
HPOUTFB
Analogue Input
Headphone output ground loop noise rejection feedback
15
HPOUTR
Analogue Output
Right headphone output (line or headphone output)
16
LINEOUTL
Analogue Output
Left line output 1 (line output)
17
LINEOUTFB
Analogue Input
Line output ground loop noise rejection feedback
18
LINEOUTR
Analogue Output
Right line output 1 (line output)
19
MICVDD
Supply
Microphone bias amp supply
20
MICBIAS
Analogue Output
Microphone bias
21
VMIDC
Analogue Output
Midrail voltage decoupling capacitor
22
AGND
Supply
Analogue power return
23
AVDD
Supply
Analogue power supply (powers analogue inputs, reference,
DAC)
24
IN2R
Analogue Input
Right channel input 2
25
IN1R /
DMICDAT2
Analogue / Digital
Input
Right channel input 1 /
Digital microphone data input 2
26
IN2L
Analogue Input
Left channel input 2
27
IN1L /
DMICDAT1
Analogue / Digital
Input
Left channel input 1 /
Digital microphone data input 1
28
MCLK
Digital Input
Master clock
29
BCLK / GPIO4
Digital Input / Output
Audio interface bit clock / GPIO4
30
LRCLK
Digital Input / Output
Audio interface left / right clock (common for TX and RX)
31
AIFTXDAT
Digital Output
TX digital audio data (digital microphone data)
32
AIFRXDAT
Digital Input
RX digital audio data (DAC digital playback data)
Note:
1. It is recommended that the QFN ground paddle is connected to analogue ground on the application PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com