Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 74 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 70Page - Cirrus Logic WM8918 Datasheet HTML 71Page - Cirrus Logic WM8918 Datasheet HTML 72Page - Cirrus Logic WM8918 Datasheet HTML 73Page - Cirrus Logic WM8918 Datasheet HTML 74Page - Cirrus Logic WM8918 Datasheet HTML 75Page - Cirrus Logic WM8918 Datasheet HTML 76Page - Cirrus Logic WM8918 Datasheet HTML 77Page - Cirrus Logic WM8918 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
74
POP SUPPRESSION CONTROL
The WM8918 incorporates Wolfson’s SilentSwitch™ technology which enables pops normally
associated with Start-Up, Shutdown or signal path control to be suppressed. To achieve maximum
benefit from these features, careful attention is required to the sequence and timing of these controls.
Note that, under the recommended usage conditions of the WM8918, these features will be
configured by running the default Start-Up and Shutdown sequences as described in the “Control
Write Sequencer” section. In these cases, the user does not need to set these register fields directly.
The Pop Suppression controls relating to the Headphone / Line Output drivers are described in the
“Output Signal Path” section.
DISABLED INPUT CONTROL
The analogue inputs to the WM8918 are biased to VMID in normal operation. In order to avoid
audible pops caused by a disabled signal path dropping to AGND, the WM8918 can maintain these
connections at VMID when the relevant input stage is disabled. This is achieved by connecting a
buffered VMID reference to the input. The buffered VMID reference is enabled by setting
VMID_BUF_ENA; when the buffered VMID reference is enabled, it is connected to any unused input
pins.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
VMID
Control 0
6
VMID_BUF_ENA
0
VMID buffer to unused Inputs/Outputs
0 = Disabled
1 = Enabled
0
VMID_ENA
0
VMID Buffer Enable
0 = Disabled
1 = Enabled
Table 46 Disabled Line Input Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com