Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 42 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 38Page - Cirrus Logic WM8918 Datasheet HTML 39Page - Cirrus Logic WM8918 Datasheet HTML 40Page - Cirrus Logic WM8918 Datasheet HTML 41Page - Cirrus Logic WM8918 Datasheet HTML 42Page - Cirrus Logic WM8918 Datasheet HTML 43Page - Cirrus Logic WM8918 Datasheet HTML 44Page - Cirrus Logic WM8918 Datasheet HTML 45Page - Cirrus Logic WM8918 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
42
DIGITAL MICROPHONE VOLUME CONTROL
The output of the Digital Microphone DSP can be digitally amplified or attenuated over a range from -
71.625dB to +17.625dB in 0.375dB steps. The volume of each channel can be controlled separately.
The gain for a given eight-bit code is detailed in Table 10.
The DMIC_VU bit controls the loading of digital volume control data. When DMIC_VU is set to 0, the
DMICL_VOL or DMICR_VOL control data will be loaded into the respective control register, but will
not actually change the digital gain setting. Both left and right gain settings are updated when a 1 is
written to DMIC_VU. This makes it possible to update the gain of both channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R36 (24h)
DMIC Digital
Volume Left
8
DMIC_VU
0
Digital Microphone Volume Update
Writing a 1 to this bit will cause left
and right DMIC volume to be updated
simultaneously
7:0
DMICL_VOL
[7:0]
1100_0000
(0dB)
Left Digital Microphone Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
EFh to FFh = +17.625dB
(See Table 10 for volume range)
R37 (25h)
DMIC Digital
Volume Right
8
DMIC_VU
0
Digital Microphone Volume Update
Writing a 1 to this bit will cause left
and right DMIC volume to be updated
simultaneously
7:0
DMICR_VOL
[7:0]
1100_0000
(0dB)
Right Digital Microphone Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
EFh to FFh = +17.625dB
(See Table 10 for volume range)
Table 9 Digital Microphone Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com