Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 2 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 2 Page - Cirrus Logic

  WM8918 Datasheet HTML 1Page - Cirrus Logic WM8918 Datasheet HTML 2Page - Cirrus Logic WM8918 Datasheet HTML 3Page - Cirrus Logic WM8918 Datasheet HTML 4Page - Cirrus Logic WM8918 Datasheet HTML 5Page - Cirrus Logic WM8918 Datasheet HTML 6Page - Cirrus Logic WM8918 Datasheet HTML 7Page - Cirrus Logic WM8918 Datasheet HTML 8Page - Cirrus Logic WM8918 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
2
BLOCK DIAGRAM
CONTROL
INTERFACE
AUDIO
INTERFACE
TDM SUPPORT
CPVOUTP
CPVOUTN
FLL /
CLOCK
CIRCUITRY
CLASS-W GROUND-
REFERENCED OUTPUTS
MICBIAS
LINEOUTL
LINEOUTR
LINEOUTFB
HPOUTL
HPOUTR
HPOUTFB
ADAPTIVE
CHARGE PUMP
WM8918
Ground-referenced
Class-W
2.2µF
MICVDD
M
U
X
M
U
X
M
U
X
M
U
X
DYNAMIC RANGE
CONTROLLER
(DRC)
5-BAND
EQUALISER
DIGITAL MONO
MIX
DIGITAL SIDE
TONE MIXING
DIGITAL VOLUME
CONTROL
PGA
PGA
DAC
DIGITAL MIC
INTERFACE
DAC
M
U
X
IN1L/DMICDAT1
IN2L
1µF
M
U
X
1µF
IN1R/DMICDAT2
IN2R
VMID
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com