Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 82 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 78Page - Cirrus Logic WM8918 Datasheet HTML 79Page - Cirrus Logic WM8918 Datasheet HTML 80Page - Cirrus Logic WM8918 Datasheet HTML 81Page - Cirrus Logic WM8918 Datasheet HTML 82Page - Cirrus Logic WM8918 Datasheet HTML 83Page - Cirrus Logic WM8918 Datasheet HTML 84Page - Cirrus Logic WM8918 Datasheet HTML 85Page - Cirrus Logic WM8918 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
82
All four of these modes are MSB first. They are described in “Audio Data Formats (Normal Mode)”,
below. Refer to the “Signal Timing Requirements” section for timing information.
Time Division Multiplexing (TDM) is available in all four data format modes. The WM8918 can be
programmed to send and receive data in one of two time slots.
PCM operation is supported using the DSP mode.
MASTER AND SLAVE MODE OPERATION
The WM8918 digital audio interface can operate in master or slave mode, as shown in Figure 40 and
Figure 41.
Figure 40 Master Mode
Figure 41 Slave Mode
In master mode, BCLK is derived from SYSCLK via a programmable division set by BCLK_DIV.
In master mode, LRCLK is derived from BCLK via a programmable division set by LRCLK_RATE.
The BCLK input to this divider may be internal or external, allowing mixed master and slave modes.
The direction of these signals and the clock frequencies are controlled as described in the “Digital
Audio Interface Control” section.
BCLK and LRCLK can be enabled as outputs in Slave mode, allowing mixed Master/Slave operation -
see “Digital Audio Interface Control”.
OPERATION WITH TDM
Time division multiplexing (TDM) allows multiple devices to transfer data simultaneously on the same
bus. The WM8918 supports TDM in master and slave modes for all data formats and word lengths.
TDM is enabled and configured using register bits defined in the “Digital Audio Interface Control”
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com