Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8918 Datasheet HTML 1Page - Cirrus Logic WM8918 Datasheet HTML 2Page - Cirrus Logic WM8918 Datasheet HTML 3Page - Cirrus Logic WM8918 Datasheet HTML 4Page - Cirrus Logic WM8918 Datasheet HTML 5Page - Cirrus Logic WM8918 Datasheet HTML 6Page - Cirrus Logic WM8918 Datasheet HTML 7Page - Cirrus Logic WM8918 Datasheet HTML 8Page - Cirrus Logic WM8918 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 176 page
background image
w
WM8918
Ultra Low Power DAC for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, January 2012, Rev 4.1
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8918 is a high performance ultra-low power stereo
DAC optimised for portable audio applications.
The device features stereo ground-referenced headphone
amplifiers using the Wolfson ‘Class-W’ amplifier techniques -
incorporating an innovative dual-mode charge pump
architecture - to optimise efficiency and power consumption
during playback. The ground-referenced headphone and line
outputs eliminate AC coupling capacitors, and both outputs
include common mode feedback paths to reject ground
noise.
Control sequences for audio path setup can be pre-loaded
and executed by an integrated control write sequencer to
reduce software driver development and minimise pops and
clicks via Wolfson’s SilentSwitch™ technology.
The analogue input stage can be configured for single
ended or differential inputs. Up to 3 stereo microphone or
line inputs may be connected. The input impedance is
constant with PGA gain setting.
A stereo digital microphone interface is provided, with a
choice of two inputs. The analogue or digital microphone
inputs can be mixed into the headphone or line output paths.
A dynamic range controller provides compression and level
control to support a wide range of portable recording
applications in conjunction with the digital microphone
interface. Anti-clip and quick release features offer good
performance in the presence of loud impulsive noises.
ReTune
TM Mobile 5-band parametric equaliser with fully
programmable coefficients is integrated for optimization of
speaker characteristics. Programmable dynamic range
control is also available for maximizing loudness, protecting
speakers from clipping and preventing premature shutdown
due to battery droop.
Common audio sampling frequencies are supported from a
wide range of external clocks, either directly or generated
via the FLL.
The WM8918 can operate directly from a single 1.8V
switched supply. For optimal power consumption, the digital
core can be operated from a 1.0V supply.
FEATURES
3.8mW quiescent power consumption for DAC to
headphone playback
DAC SNR 96dB typical, THD -86dB typical
2.4mW quiescent power consumption for analogue bypass
playback
Control write sequencer for pop minimised start-up and
shutdown
Single register write for default start-up sequence
Integrated FLL provides all necessary clocks
-
Self-clocking modes allow processor to sleep
-
All standard sample rates from 8kHz to 96kHz
Stereo digital microphone input
3 single ended inputs per stereo channel
1 fully differential mic / line input per stereo channel
Digital Dynamic Range Controller (compressor / limiter)
Digital sidetone mixing
Ground-referenced headphone driver
Ground-referenced line outputs
32-pin QFN package (4x4mm, 0.4mm pitch)
APPLICATIONS
Wireless headsets
Portable multimedia players
Handheld gaming


Similar Part No. - WM8918

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
logo
Cirrus Logic
WM8912 CIRRUS-WM8912 Datasheet
1Mb / 129P
Ultra Low Power DAC with Headphone Driver
logo
Wolfson Microelectronic...
WM8912GEFL/RV WOLFSON-WM8912GEFL/RV Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8912GEFL/V WOLFSON-WM8912GEFL/V Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
More results

Similar Description - WM8918

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8751L WOLFSON-WM8751L Datasheet
495Kb / 45P
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8955L WOLFSON-WM8955L Datasheet
377Kb / 43P
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Wolfson Microelectronic...
WM8955 WOLFSON-WM8955_06 Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
Stereo DAC For Portable Audio Applications
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
Ultra Low Power CODEC for Portable Audio Applications
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com