Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 95 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 95 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 91Page - Cirrus Logic WM8918 Datasheet HTML 92Page - Cirrus Logic WM8918 Datasheet HTML 93Page - Cirrus Logic WM8918 Datasheet HTML 94Page - Cirrus Logic WM8918 Datasheet HTML 95Page - Cirrus Logic WM8918 Datasheet HTML 96Page - Cirrus Logic WM8918 Datasheet HTML 97Page - Cirrus Logic WM8918 Datasheet HTML 98Page - Cirrus Logic WM8918 Datasheet HTML 99Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
95
SYSCLK CONTROL
The SYSCLK_SRC bit is used to select the source for SYSCLK. The source may be either the MCLK
input or the FLL output. The MCLK input can be inverted or non-inverted, as selected by the
MCLK_INV bit. The selected source may also be adjusted by the MCLK_DIV divider to generate
SYSCLK. These register fields are described in Table 57. See “Frequency Locked Loop (FLL)” for
more details of the Frequency Locked Loop clock generator.
The SYSCLK signal is enabled by register bit CLK_SYS_ENA. This bit should be set to 0 when
reconfiguring clock sources. It is not recommended to change SYSCLK_SRC while the
CLK_SYS_ENA bit is set.
The following operating frequency limits must be observed when configuring SYSCLK. Failure to
observe these limits will result in degraded noise performance and/or incorrect DMIC/DAC
functionality.
SYSCLK
 3MHz
If DAC_OSR128 = 1 then SYSCLK
 6MHz
If DAC_MONO = 1, then SYSCLK
 64 x fs
If DAC_MONO = 0, then SYSCLK
 128 x fs
If DMICL_ENA = 1 or DMICR_ENA = 1 then SYSCLK
 256 x fs
Note that DAC Mono mode (DAC_MONO = 1) is only valid when one or other DAC is disabled. If both
DACs are enabled, then the minimum SYSCLK for clocking the DACs is 128 x fs.
The SYSCLK control register fields are defined in Table 57.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
Clock Rates
2
15
MCLK_INV
0
MCLK Invert
0 = MCLK not inverted
1 = MCLK inverted
14
SYSCLK_SRC
0
SYSCLK Source Select
0 = MCLK
1 = FLL output
2
CLK_SYS_ENA
0
System Clock enable
0 = Disabled
1 = Enabled
R20 (14h)
Clock Rates
0
0
MCLK_DIV
0
Enables divide by 2 on MCLK
0 = SYSCLK = MCLK
1 = SYSCLK = MCLK / 2
Table 57 MCLK and SYSCLK Control
CONTROL INTERFACE CLOCKING
Register map access is possible with or without a Master Clock (MCLK). However, if CLK_SYS_ENA
has been set to 1, then a Master Clock must be present for control register Read/Write operations. If
CLK_SYS_ENA = 1 and MCLK is not present, then register access will be unsuccessful. (Note that
read/write access to register R22, containing CLK_SYS_ENA, is always possible.)
If it cannot be assured that MCLK is present when accessing the register map, then it is required to
set CLK_SYS_ENA = 0 to ensure correct operation.
It is possible to use the WM8918 analogue bypass paths to the differential line outputs (LON/LOP and
RON/ROP) without MCLK. Note that MCLK is always required when using HPOUTL, HPOUTR,
LINEOUTL or LINEOUTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com