Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 20 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 16Page - Cirrus Logic WM8918 Datasheet HTML 17Page - Cirrus Logic WM8918 Datasheet HTML 18Page - Cirrus Logic WM8918 Datasheet HTML 19Page - Cirrus Logic WM8918 Datasheet HTML 20Page - Cirrus Logic WM8918 Datasheet HTML 21Page - Cirrus Logic WM8918 Datasheet HTML 22Page - Cirrus Logic WM8918 Datasheet HTML 23Page - Cirrus Logic WM8918 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
20
SLAVE MODE
BCLK (input)
LRCLK (input)
AIFTXDAT
(output)
AIFRXDAT
(input)
tDS
tDD
tDH
tLRH
tLRSU
tBCH
tBCL
tBCY
Figure 3 Audio Interface Timing – Slave Mode
Test Conditions
DCVDD = 1.0V, AVDD = DBVDD = CPVDD = 1.8V, DGND=AGND=CPGND =0V, TA = +25
oC, Slave Mode, fs=48kHz,
MCLK=256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Interface Timing - Slave Mode
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
LRCLK set-up time to BCLK rising edge
tLRSU
20
ns
LRCLK hold time from BCLK rising edge
tLRH
10
ns
AIFRXDAT hold time from BCLK rising edge
tDH
10
ns
AIFTXDAT propagation delay from BCLK falling edge
tDD
20
ns
AIFRXDAT set-up time to BCLK rising edge
tDS
20
ns
Note:
BCLK period must always be greater than or equal to MCLK period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com