Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 28 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 24Page - Cirrus Logic WM8918 Datasheet HTML 25Page - Cirrus Logic WM8918 Datasheet HTML 26Page - Cirrus Logic WM8918 Datasheet HTML 27Page - Cirrus Logic WM8918 Datasheet HTML 28Page - Cirrus Logic WM8918 Datasheet HTML 29Page - Cirrus Logic WM8918 Datasheet HTML 30Page - Cirrus Logic WM8918 Datasheet HTML 31Page - Cirrus Logic WM8918 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
28
Up to 2 GPIO pins may be configured for miscellaneous input/output functions such as
button/accessory detect inputs, or for clock, system status, or programmable logic level output for
control of additional external circuitry. Interrupt logic, status readback and de-bouncing options are
supported within this functionality.
ANALOGUE INPUT SIGNAL PATH
The WM8918 has four analogue input pins, which may be used to support connections to multiple
microphone or line input sources. The input multiplexer on the Left and Right channels can be used to
select different configurations for each of the input sources. The analogue input paths can support
line and microphone inputs, in single-ended and differential modes. The input stage can also provide
common mode noise rejection in some configurations.
Two of the analogue input pins have dual functionality and can be used as digital microphone inputs.
(See the “Digital Microphone Interface” section for details.)
The Left and Right analogue input channels are routed to the output multiplexers and PGAs.
The WM8918 input signal paths and control registers are illustrated in Figure 20.
Figure 20 Block Diagram for Input Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com