Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 98 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 98 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 94Page - Cirrus Logic WM8918 Datasheet HTML 95Page - Cirrus Logic WM8918 Datasheet HTML 96Page - Cirrus Logic WM8918 Datasheet HTML 97Page - Cirrus Logic WM8918 Datasheet HTML 98Page - Cirrus Logic WM8918 Datasheet HTML 99Page - Cirrus Logic WM8918 Datasheet HTML 100Page - Cirrus Logic WM8918 Datasheet HTML 101Page - Cirrus Logic WM8918 Datasheet HTML 102Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
98
A list of possible TOCLK rates is provided in Table 62.
TOCLK_RATE
TOCLK_RATE_X4
TOCLK_RATE_DIV16
TOCLK
FREQ (Hz)
PERIOD
(ms)
1
1
0
1000
1
0
1
0
500
2
1
0
0
250
4
0
0
0
125
8
1
1
1
62.5
16
0
1
1
31.25
32
1
0
1
15.625
64
0
0
1
7.8125
128
Table 62 TOCLK Rates
DAC OPERATION AT 88.2K / 96K
The WM8918 supports DAC operation at 88.2kHz and 96kHz sample rates. This section details
specific conditions applicable to these operating modes. Note that Digital Microphone operation at
88.2kHz or 96kHz is not possible.
For DAC operation at 88.2kHz or 96kHz sample rates, the available clocking configurations are
detailed in Table 63.
DAC operation at these sample rates is achieved by setting the SAMPLE_RATE field to half the
required sample rate (eg. select 48kHz for 96kHz mode). The Digital Microphone DSP must be
disabled (DMICL_ENA = 0 and DMICR_ENA = 0). Note that the DAC_OSR128 and EQ_ENA
registers must be set to 0. ReTune
TM Mobile can not be used during 88.2kHz or 96kHz operation.
The SYSCLK frequency is derived from MCLK. The maximum MCLK frequency is defined in the
“Signal Timing Requirements” section.
SAMPLE RATE
REGISTER CONFIGURATION
CLOCKING RATIO
88.2kHz
SAMPLE_RATE = 101
CLK_SYS_RATE = 0001 (SYSCLK / fs = 128)
BCLK_DIV = 00010
LRCLK_RATE = 040h
DAC_OSR128 = 0
EQ_ENA = 0
SYSCLK = 128 x fs
96kHz
SAMPLE_RATE = 101
CLK_SYS_RATE = 0001 (SYSCLK / fs = 128)
BCLK_DIV = 00010
LRCLK_RATE = 040h
DAC_OSR128 = 0
EQ_ENA = 0
SYSCLK = 128 x fs
Table 63 DAC Operation at 88.2kHz and 96kHz Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com