Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 81 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 77Page - Cirrus Logic WM8918 Datasheet HTML 78Page - Cirrus Logic WM8918 Datasheet HTML 79Page - Cirrus Logic WM8918 Datasheet HTML 80Page - Cirrus Logic WM8918 Datasheet HTML 81Page - Cirrus Logic WM8918 Datasheet HTML 82Page - Cirrus Logic WM8918 Datasheet HTML 83Page - Cirrus Logic WM8918 Datasheet HTML 84Page - Cirrus Logic WM8918 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
81
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R72 (48h)
DC Servo 5
6:0
DCS_SERIES_N
O_01 [6:0]
010 1010
Number of DC Servo updates to
perform in a series event for
HPOUTL/HPOUTR.
0 = 1 updates
1 = 2 updates
...
127 = 128 updates
R69 (45h)
DC Servo 2
11:8
DCS_TIMER_PE
RIOD_23 [3:0]
1010
Time between periodic updates for
LINEOUTL/LINEOUTR. Time is
calculated as 0.256s x (2^PERIOD)
0000 = Off
0001 = 0.52s
1010 = 266s (4min 26s)
1111 = 8519s (2hr 22s)
3:0
DCS_TIMER_PE
RIOD_01 [3:0]
1010
Time between periodic updates for
HPOUTL/HPOUTR. Time is calculated
as 0.256s x (2^PERIOD)
0000 = Off
0001 = 0.52s
1010 = 266s (4min 26s)
1111 = 8519s (2hr 22s)
Table 49 DC Servo Active Modes
DC SERVO READBACK
The current DC offset value for each Line and Headphone output channel can be read in two’s
complement format from the DCS_DAC_WR_VAL_n [7:0] bit fields in Registers R73, R74, R75 and
R76. Note that these values may form the basis of settings that are subsequently used by the DC
Servo in DAC Write mode.
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data to the WM8918 and outputting Digital
Microphone data from it. The digital audio interface uses four pins:
AIFTXDAT: Digital Microphone data output
AIFRXDAT: DAC data input
LRCLK: Left/Right data alignment clock
BCLK: Bit clock, for synchronisation
The clock signals BCLK and LRCLK can be outputs when the WM8918 operates as a master, or
inputs when it is a slave (see “Master and Slave Mode Operation”, below).
Four different audio data formats are supported:
Left justified
Right justified
I2S
DSP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com