Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 30 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 26Page - Cirrus Logic WM8918 Datasheet HTML 27Page - Cirrus Logic WM8918 Datasheet HTML 28Page - Cirrus Logic WM8918 Datasheet HTML 29Page - Cirrus Logic WM8918 Datasheet HTML 30Page - Cirrus Logic WM8918 Datasheet HTML 31Page - Cirrus Logic WM8918 Datasheet HTML 32Page - Cirrus Logic WM8918 Datasheet HTML 33Page - Cirrus Logic WM8918 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
30
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R46 (2Eh)
Analogue
Left Input 1
5:4
L_IP_SEL_N [1:0]
00
In Single-Ended or Differential Line
Modes, this field selects the input pin
for the inverting side of the left input
path.
In Differential Mic Mode, this field
selects the input pin for the non-
inverting side of the left input path.
00 = IN1L
01 = IN2L
1X = Reserved
3:2
L_IP_SEL_P [1:0]
01
In Single-Ended or Differential Line
Modes, this field selects the input pin
for the non-inverting side of the left
input path.
In Differential Mic Mode, this field
selects the input pin for the inverting
side of the left input path.
00 = IN1L
01 = IN2L
1X = Reserved
1:0
L_MODE [1:0]
00
Sets the mode for the left analogue
input:
00 = Single-Ended
01 = Differential Line
10 = Differential MIC
11 = Reserved
R47 (2Fh)
Analogue
Right Input
1
5:4
R_IP_SEL_N [1:0]
00
In Single-Ended or Differential Line
Modes, this field selects the input pin
for the inverting side of the right input
path.
In Differential Mic Mode, this field
selects the input pin for the non-
inverting side of the right input path.
00 = IN1R
01 = IN2R
1X = Reserved
3:2
R_IP_SEL_P [1:0]
01
In Single-Ended or Differential Line
Modes, this field selects the input pin
for the non-inverting side of the right
input path.
In Differential Mic Mode, this field
selects the input pin for the inverting
side of the right input path.
00 = IN1R
01 = IN2R
1X = Reserved
1:0
R_MODE [1:0]
00
Sets the mode for the right analogue
input:
00 = Single-Ended
01 = Differential Line
10 = Differential MIC
11 = Reserved
Table 2 Input PGA Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com