Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 55 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 51Page - Cirrus Logic WM8918 Datasheet HTML 52Page - Cirrus Logic WM8918 Datasheet HTML 53Page - Cirrus Logic WM8918 Datasheet HTML 54Page - Cirrus Logic WM8918 Datasheet HTML 55Page - Cirrus Logic WM8918 Datasheet HTML 56Page - Cirrus Logic WM8918 Datasheet HTML 57Page - Cirrus Logic WM8918 Datasheet HTML 58Page - Cirrus Logic WM8918 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
55
The polarity of each Digital Microphone output signal can be changed under software control using
the AIFTXL_DATINV and AIFTXR_DATINV register bits. The AIFTXL_SRC and AIFTXR_SRC
register bits may be used to select which Digital Microphone channel is used for the left and right
digital audio interface data. These register bits are described in Table 25.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Audio
Interface 0
7
AIFTXL_SRC
0
Left Digital Audio interface source
0 = Left DMIC data is output on left
channel
1 = Right DMIC data is output on left
channel
6
AIFTXR_SRC
1
Right Digital Audio interface source
0 = Left DMIC data is output on right
channel
1 = Right DMIC data is output on right
channel
R38 (26h)
DMIC
Digital 0
1
AIFTXL_DATIN
V
0
Left Digital Microphone Invert
0 = Left DMIC output not inverted
1 = Left DMIC output inverted
0
AIFTXR_DATIN
V
0
Right Digital Microphone Invert
0 = Right DMIC output not inverted
1 = Right DMIC output inverted
Table 25 DMIC Routing and Control
The input data source for each DAC can be changed under software control using register bits
AIFRXL_SRC and AIFRXR_SRC. The polarity of each DAC input may also be modified using register
bits AIFRXL_DATINV and AIFRXR_DATINV. These register bits are described in Table 26.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Audio
Interface 0
12
AIFRXL_DATIN
V
0
Left DAC Invert
0 = Left DAC output not inverted
1 = Left DAC output inverted
11
AIFRXR_DATIN
V
0
Right DAC Invert
0 = Right DAC output not inverted
1 = Right DAC output inverted
5
AIFRXL_SRC
0
Left DAC Data Source Select
0 = Left DAC outputs left interface data
1 = Left DAC outputs right interface data
4
AIFRXR_SRC
1
Right DAC Data Source Select
0 = Right DAC outputs left interface data
1 = Right DAC outputs right interface
data
Table 26 DAC Routing and Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com