Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 44 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 40Page - Cirrus Logic WM8918 Datasheet HTML 41Page - Cirrus Logic WM8918 Datasheet HTML 42Page - Cirrus Logic WM8918 Datasheet HTML 43Page - Cirrus Logic WM8918 Datasheet HTML 44Page - Cirrus Logic WM8918 Datasheet HTML 45Page - Cirrus Logic WM8918 Datasheet HTML 46Page - Cirrus Logic WM8918 Datasheet HTML 47Page - Cirrus Logic WM8918 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
44
HIGH PASS FILTER
A digital high pass filter is applied by default to the DMIC path to remove low frequency noise in voice
applications (e.g. wind noise or mechanical vibration). This filter is controlled using the DMIC_HPF
and DMIC_HPF_CUT register bits.
In hi-fi mode the high pass filter is optimised for removing DC offsets without degrading the bass
response and has a cut-off frequency of 3.7Hz at fs=44.1kHz.
In voice mode the high pass filter is optimised for voice communication and it is recommended to
program the cut-off frequency below 300Hz (e.g. DMIC_HPF_CUT=11 at fs=8kHz or
DMIC_HPF_CUT=10 at fs=16kHz).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (26h)
DMIC Digital
0
6:5
DMIC_HPF_C
UT [1:0]
00
DMIC Digital High Pass Filter Cut-Off
Frequency (fc)
00 = Hi-fi mode (fc=4Hz at fs=48kHz)
01 = Voice mode 1 (fc=127Hz at
fs=16kHz)
10 = Voice mode 2 (fc=130Hz at fs=8kHz)
11 = Voice mode 3 (fc=267Hz at fs=8kHz)
(Note: fc scales with sample rate. See
Table 12 for cut-off frequencies at all
supported sample rates)
4
DMIC_HPF
1
DMIC Digital High Pass Filter Enable
0 = Disabled
1 = Enabled
Table 11 DMIC Digital 0 Register
Sample
Frequency
(kHz)
CUT-OFF FREQUENCY (Hz)
DMIC_HPF_CUT
=00
DMIC_HPF_CUT
=01
DMIC_HPF_CUT
=10
DMIC_HPF_CUT
=11
8.000
0.7
64
130
267
11.025
0.9
88
178
367
16.000
1.3
127
258
532
22.050
1.9
175
354
733
24.000
2.0
190
386
798
32.000
2.7
253
514
1063
44.100
3.7
348
707
1464
48.000
4.0
379
770
1594
Table 12 DMIC High Pass Filter Cut-Off Frequencies
The high pass filter characteristics are shown in the “Digital Filter Characteristics” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com