Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 78 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 74Page - Cirrus Logic WM8918 Datasheet HTML 75Page - Cirrus Logic WM8918 Datasheet HTML 76Page - Cirrus Logic WM8918 Datasheet HTML 77Page - Cirrus Logic WM8918 Datasheet HTML 78Page - Cirrus Logic WM8918 Datasheet HTML 79Page - Cirrus Logic WM8918 Datasheet HTML 80Page - Cirrus Logic WM8918 Datasheet HTML 81Page - Cirrus Logic WM8918 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
78
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DCS_TRIG_DAC_
WR_0
0
Writing 1 to this bit selects DAC Write
DC Servo mode for HPOUTL.
In readback, a value of 1 indicates that
the DC Servo DAC Write correction is
in progress.
R73 (49h)
DC Servo 6
7:0
DCS_DAC_WR_V
AL_3 [7:0]
0000 0000
DC Offset value for LINEOUTR in
DAC Write DC Servo mode in two's
complement format.
In readback, the current DC offset
value is returned in two's complement
format.
Two’s complement format:
LSB is 0.25mV.
Range is +/-32mV
R74 (4Ah)
DC Servo 7
7:0
DCS_DAC_WR_V
AL_2 [7:0]
0000 0000
DC Offset value for LINEOUTL in DAC
Write DC Servo mode in two's
complement format.
In readback, the current DC offset
value is returned in two's complement
format.
Two’s complement format:
LSB is 0.25mV.
Range is +/-32mV
R75 (4Bh)
DC Servo 8
7:0
DCS_DAC_WR_V
AL1 [7:0]
0000 0000
DC Offset value for HPOUTR in DAC
Write DC Servo mode in two's
complement format.
In readback, the current DC offset
value is returned in two's complement
format.
Two’s complement format:
LSB is 0.25mV.
Range is +/-32mV
R76 (4Ch)
DC Servo 9
7:0
DCS_DAC_WR_V
AL0 [7:0]
0000 0000
DC Offset value for HPOUTL in DAC
Write DC Servo mode in two's
complement format.
In readback, the current DC offset
value is returned in two's complement
format.
Two’s complement format:
LSB is 0.25mV.
Range is +/-32mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com