Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 41 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 37Page - Cirrus Logic WM8918 Datasheet HTML 38Page - Cirrus Logic WM8918 Datasheet HTML 39Page - Cirrus Logic WM8918 Datasheet HTML 40Page - Cirrus Logic WM8918 Datasheet HTML 41Page - Cirrus Logic WM8918 Datasheet HTML 42Page - Cirrus Logic WM8918 Datasheet HTML 43Page - Cirrus Logic WM8918 Datasheet HTML 44Page - Cirrus Logic WM8918 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
41
The digital microphone interface requires that MIC1 (Left Channel) transmits a data bit each time that
DMICCLK is high, and MIC2 (Right Channel) transmits when DMICCLK is low. The WM8918 samples
the digital microphone data in the middle of each DMICCLK clock phase. Each microphone must tri-
state its data output when the other microphone is transmitting.
Figure 28 Digital Microphone Interface Timing
The digital microphone interface control fields are described in Table 8.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
Analogue DMIC
0
0
DMIC_OSR12
8
1
DMIC Oversampling Ratio
0 = Normal (64 x fs)
1 = Reserved
This bit must be set to 0 for digital
microphone operation.
R18 (12h)
Power
Management
(6)
1
DMICL_ENA
0
Digital Microphone DSP Enable
0 = Disabled
1 = Enabled
0
DMICR_ENA
0
Digital Microphone DSP Enable
0 = Disabled
1 = Enabled
R39 (27h)
Digital
Microphone 0
12
DMIC_ENA
0
Digital Microphone mode
0 = Disabled
1 = Audio DSP input is from digital
microphone interface
When DMIC_ENA = 0, the Digital
microphone clock (DMICCLK) is held
low.
11
DMIC_SRC
0
Selects Digital Microphone Data Input
pin
0 = IN1L/DMICDAT1
1 = IN1R/DMICDAT2
Table 8 Digital Microphone Interface Control
Note that all the GPIO pins are referenced to the DBVDD power domain; the IN1L and IN1R pins are
referenced to the AVDD power domain. Care must be taken to ensure the microphone logic levels are
compatible with the applicable power domain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com