Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 31 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 27Page - Cirrus Logic WM8918 Datasheet HTML 28Page - Cirrus Logic WM8918 Datasheet HTML 29Page - Cirrus Logic WM8918 Datasheet HTML 30Page - Cirrus Logic WM8918 Datasheet HTML 31Page - Cirrus Logic WM8918 Datasheet HTML 32Page - Cirrus Logic WM8918 Datasheet HTML 33Page - Cirrus Logic WM8918 Datasheet HTML 34Page - Cirrus Logic WM8918 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
31
SINGLE-ENDED INPUT
The Single-Ended PGA configuration is illustrated in Figure 21 for the Left channel. The available
gain in this mode is from -1.57dB to +28.5dB in non-linear steps. The PGA output is phase inverted
with respect to the selected input pin. Different input pins can be selected in the same mode by
altering the L_IP_SEL_N field.
The equivalent configuration is also available on the Right channel; this can be selected
independently of the Left channel mode.
Figure 21 Single Ended Mode
DIFFERENTIAL LINE INPUT
The Differential Line PGA configuration is illustrated in Figure 22 for the Left channel. The available
gain in this mode is from -1.57dB to +28.5dB in non-linear steps. The PGA output is in phase with the
input pin selected by L_IP_SEL_P. The PGA output is phase inverted with respect to the input pin
selected by L_IP_SEL_N.
As an option, common mode noise rejection can be provided in this PGA configuration, as illustrated
in Figure 22. This is enabled using the register bits defined in Table 5.
The equivalent configuration is also available on the Right channel; this can be selected
independently of the Left channel mode.
BYPASSL
IN1L/DMICDAT1
IN2L
-
+
L_IP_SEL_N
INL_ENA
LIN_MUTE
LIN_VOL
M
U
X
L_IP_SEL_P
M
U
X
Differential Line Mode (L_MODE = 01)
-1.57dB to +28.5dB,
non-linear steps
INL_CM_ENA
+
-
Figure 22 Differential Line Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com