Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 12Page - Cirrus Logic WM8918 Datasheet HTML 13Page - Cirrus Logic WM8918 Datasheet HTML 14Page - Cirrus Logic WM8918 Datasheet HTML 15Page - Cirrus Logic WM8918 Datasheet HTML 16Page - Cirrus Logic WM8918 Datasheet HTML 17Page - Cirrus Logic WM8918 Datasheet HTML 18Page - Cirrus Logic WM8918 Datasheet HTML 19Page - Cirrus Logic WM8918 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
16
POWER CONSUMPTION
The WM8918 power consumption is dependent on many parameters. Most significantly, it depends
on supply voltages, sample rates, mode of operation, and output loading.
The power consumption on each supply rail varies approximately with the square of the voltage.
Power consumption is greater at fast sample rates than at slower ones. When the digital audio
interface is operating in Master mode, the DBVDD current is significantly greater than in Slave mode.
(Note also that power savings can be made by using MCLK as the BCLK source in Slave mode.) The
output load conditions (impedance, capacitance and inductance) can also impact significantly on the
device power consumption.
COMMON TEST CONDITIONS
Unless otherwise stated, the following test conditions apply throughout the following sections:
Ambient temperature = +25°C
Audio signal = quiescent (zero amplitude)
Sample rate = 48kHz
MCLK = 12.288MHz
Audio interface mode = Slave (LRCLK_DIR=0, BCLK_DIR=0)
SYSCLK_SRC = 0 (system clock comes direct from MCLK, not from FLL)
Additional, variant test conditions are quoted within the relevant sections below. Where applicable,
power dissipated in the headphone or line loads is included.
POWER CONSUMPTION MEASUREMENTS
Stereo Playback to Headphones
- DAC input to HPOUTL+HPOUTR pins with 30Ω load.
Test conditions:
VMID_RES = 01 (for normal operation)
CP_DYN_PWR = 1 (Class-W, Charge pump controlled by real-time audio level)
Variant test conditions
AVDD
DCVDD
DBVDD
CPVDD
MICVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
V
mA
mW
48kHz sample rate
1.80
1.69
1.00
0.76
1.80
0.00
1.80
0.31
2.50
0.01
4.38
8kHz sample rate
1.80
1.69
1.00
0.18
1.80
0.00
1.80
0.31
2.50
0.01
3.80
48kHz, Po = 0.1mW/channel
1kHz sine wave 0dBFS
HPOUT_VOL= -25dB
DAC_VOL= 0dB
1.80
1.71
1.00
0.77
1.80
0.00
1.80
1.99
2.50
0.01
7.45
48kHz, Po = 1mW/channel
1kHz sine wave 0dBFS
HPOUT_VOL= -15dB
DAC_VOL= 0dB
1.80
1.73
1.00
0.77
1.80
0.00
1.80
5.61
2.50
0.01
13.99
48kHz sample rate, Master mode,
FLL enabled, MCLK input frequency =
13MHz
1.80
1.82
1.00
1.05
1.80
0.73
1.80
0.30
2.50
0.01
6.18
48kHz sample rate, Master mode,
FLL enabled, MCLK input frequency =
32.768kHz
1.80
1.83
1.00
0.94
1.80
0.76
1.80
0.29
2.50
0.01
6.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com