Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 121 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 121 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 117Page - Cirrus Logic WM8918 Datasheet HTML 118Page - Cirrus Logic WM8918 Datasheet HTML 119Page - Cirrus Logic WM8918 Datasheet HTML 120Page - Cirrus Logic WM8918 Datasheet HTML 121Page - Cirrus Logic WM8918 Datasheet HTML 122Page - Cirrus Logic WM8918 Datasheet HTML 123Page - Cirrus Logic WM8918 Datasheet HTML 124Page - Cirrus Logic WM8918 Datasheet HTML 125Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
121
SHUTDOWN SEQUENCE
The Shutdown sequence is initiated by writing 0119h to Register R111 (6Fh). This single operation
starts the Control Write Sequencer at Index Address 25 (19h) and executes the sequence defined in
Table 82.
For typical clocking configurations with MCLK=12.288MHz, this sequence takes approximately 350ms
to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
25 (19h)
R94 (5Eh)
8 bits
Bit 0
77h
0h
0b
LINEOUTL_RMV_SHORT = 0
LINEOUTR_RMV_SHORT = 0
(delay = 0.5625ms)
26 (1Ah)
R90 (5Ah)
8 bits
Bit 0
77h
0h
0b
HPL_RMV_SHORT = 0
HPR_RMV_SHORT = 0
(delay = 0.5625ms)
27 (1Bh)
R90 (5Ah)
8 bits
Bit 0
00h
0h
0b
HPL_ENA_OUTP = 0
HPL_ENA_DLY = 0
HPL_ENA = 0
HPR_ENA_OUTP = 0
HPR_ENA_DLY = 0
HPR_ENA = 0
(delay = 0.5625ms)
28 (1Ch)
R94 (5Eh)
8 bits
Bit 0
00h
0h
0b
LINEOUTL_ENA_OUTP = 0
LINEOUTL_ENA_DLY = 0
LINEOUTL_ENA = 0
LINEOUTR_ENA_OUTP = 0
LINEOUTR_ENA_DLY = 0
LINEOUTR_ENA = 0
(delay = 0.5625ms)
29 (1Dh)
R67 (43h)
4 bits
Bit 0
00h
0h
0b
DCS_ENA_CHAN_0 = 0
DCS_ENA_CHAN_1 = 0
DCS_ENA_CHAN_2 = 0
DCS_ENA_CHAN_3 = 0
(delay = 0.5625ms)
30 (1Eh)
R98 (62h)
1 bit
Bit 0
00h
0h
0b
CP_ENA = 0
(delay = 0.5625ms)
31 (1Fh)
R18 (12h)
2 bits
Bit 2
00h
0h
0b
DACL_ENA = 0
DACR_ENA = 0
(delay = 0.5625ms)
32 (20h)
R22 (16h)
1 bit
Bit 1
00h
0h
0b
CLK_DSP_ENA = 0
(delay = 0.5625ms)
33 (21h)
R14 (0Eh)
2 bits
Bit 0
00h
0h
0b
HPL_PGA_ENA = 0
HPR_PGA_ENA = 0
(delay = 0.5625ms)
34 (22h)
R15 (0Fh)
2 bits
Bit 0
00h
0h
0b
LINEOUTL_PGA_ENA = 0
LINEOUTR_PGA_ENA = 0
(delay = 0.5625ms)
35 (23h)
R4 (04h)
1 bit
Bit 0
00h
0h
0b
BIAS_ENA = 0
(delay = 0.5625ms)
36 (24h)
R5 (05h)
1 bit
Bit 0
00h
Ch
0b
VMID_ENA = 0
(delay = 256.5ms)
37 (25h)
R5 (05h)
1 bit
Bit 0
00h
9h
0b
VMID_ENA = 0
(delay = 32.5ms)
38 (26h)
R5 (05h)
8 bits
Bit 0
00h
0h
0b
VMID_BUF_ENA = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com