Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 35 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 35 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 31Page - Motorola, Inc HC705J2 Datasheet HTML 32Page - Motorola, Inc HC705J2 Datasheet HTML 33Page - Motorola, Inc HC705J2 Datasheet HTML 34Page - Motorola, Inc HC705J2 Datasheet HTML 35Page - Motorola, Inc HC705J2 Datasheet HTML 36Page - Motorola, Inc HC705J2 Datasheet HTML 37Page - Motorola, Inc HC705J2 Datasheet HTML 38Page - Motorola, Inc HC705J2 Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
MOTOROLA
CENTRAL PROCESSOR UNIT
MC68HC705J2
4-16
4.4.4 Bit Manipulation Instructions
The CPU can set or clear any writable bit in the first 256 bytes of memory. Port
register, port data direction registers, timer registers, and on-chip RAM locations
are in the first 256 bytes of memory. The CPU can also test and branch based
on the state of any bit in any of the first 256 memory locations. Bit manipulation
instructions use the direct addressing mode. Table 4-10 lists these instructions.
Table 4-10. Bit Manipulation Instructions
Instruction
Mnemonic
Set Bit n
BSET n (n = 0 . . . 7)
Clear Bit n
BCLR n (n = 0 . . . 7)
Branch if Bit n of M = 0
BRCLR
Branch if Bit n of M = 1
BRSET
4.4.5 Control Instructions
These register reference instructions control CPU operation during program
execution.
Control instructions, listed in Table 4-11, use the inherent
addressing mode.
Table 4-11. Control Instructions
Instruction
Mnemonic
Transfer Accumulator to Index Register
TAX
Transfer Index Register to Accumulator
TXA
Set Carry Bit
SEC
Clear Carry Bit
CLC
Set Interrupt Mask
SEI
Clear Interrupt Mask
CLI
Software Interrupt
SWI
Return from Subroutine
RTI
Reset Stack Pointer
RSP
No Operation
NOP
Stop
STOP
Wait
WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com